Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B12V114 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # B12V114
Description  NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B12V114 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  B12V114 Datasheet HTML 1Page - List of Unclassifed Manufacturers B12V114 Datasheet HTML 2Page - List of Unclassifed Manufacturers B12V114 Datasheet HTML 3Page - List of Unclassifed Manufacturers B12V114 Datasheet HTML 4Page - List of Unclassifed Manufacturers B12V114 Datasheet HTML 5Page - List of Unclassifed Manufacturers B12V114 Datasheet HTML 6Page - List of Unclassifed Manufacturers B12V114 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
BIPOLARICS, INC.
Part Number B12V114
PAGE
7
NPN LOW NOISE SILICON MICROWAVE TRANSISTOR
ORDERING INFORMATION:
P/N Including Pkg
Temp Range/App
B12V114 00
-55 to +125˚C
B12V114 02
-40 to +85˚C
B12V114 14
-40 to +85˚C
B12V114 35
-55 to +125˚C
B12V114 92
-40 to +85˚C
NOTES: (unless otherwise specified)
1. Dimensions are
in
2. Tolerances:
in .xxx =
± .005
mm .xx =
± .13
3. All dimensions nominal; subject to change
without notice
LEAD
1
2
3
4
14, 85, 86, 87, 35,
Base
Emitter
Collector
Emitter
36 & 04 Packages
BIPOLARICS, INC.
46766 Lakeview Blvd.
Fremont, CA 94538
Phone: (510)226-6565 FAX: (510) 226-6765
-05 Package: Micro-X 0.085" Hermetic
(mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com