Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3996SD-3333 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3996SD-3333
Description  Dual Linear Regulator with 300mA and 150mA Outputs and Power-On-Reset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3996SD-3333 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3996SD-3333 Datasheet HTML 7Page - National Semiconductor (TI) LP3996SD-3333 Datasheet HTML 8Page - National Semiconductor (TI) LP3996SD-3333 Datasheet HTML 9Page - National Semiconductor (TI) LP3996SD-3333 Datasheet HTML 10Page - National Semiconductor (TI) LP3996SD-3333 Datasheet HTML 11Page - National Semiconductor (TI) LP3996SD-3333 Datasheet HTML 12Page - National Semiconductor (TI) LP3996SD-3333 Datasheet HTML 13Page - National Semiconductor (TI) LP3996SD-3333 Datasheet HTML 14Page - National Semiconductor (TI) LP3996SD-3333 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Typical Performance Characteristics. Unless otherwise specified, C
IN = 1.0µF Ceramic, COUT1 =
COUT2 = 1.0µF Ceramic, CBYP = 10nF, VIN =VOUT2(NOM) + 1.0V, TA = 25˚C, VOUT1(NOM) = 3.3V, VOUT2(NOM) = 3.3V, Enable
pins are tied to V
IN. (Continued)
Line Transient, C
BYP=10nF
Line Transient, C
BYP=0
20145819
20145820
Load Transient, LDO1
Load Transient, LDO2
20145850
20145851
Noise Density LDO1
Noise Density, LDO2
20145856
20145857
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com