Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC7216-01 Datasheet(PDF) 21 Page - Vitesse Semiconductor Corporation

Part # VSC7216-01
Description  Multi-Gigabit Interconnect Chip
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7216-01 Datasheet(HTML) 21 Page - Vitesse Semiconductor Corporation

Back Button VSC7216-01 Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC7216-01 Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC7216-01 Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC7216-01 Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC7216-01 Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC7216-01 Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC7216-01 Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC7216-01 Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC7216-01 Datasheet HTML 25Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Preliminary Datasheet
VSC7216-01
Multi-Gigabit Interconnect Chip
VITESSE
SEMICONDUCTOR CORPORATION
G52352-0, Rev 3.2
Page 21
05/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
AC Specifications
Figure 13: Transmit Input Timing Waveforms with TMODE = 000
Figure 14: Transmit Input Timing Waveforms with TMODE = 10X
Table 10: Transmit Input AC Characteristics with TMODE = 000 or TMODE = 10X
Parameters
Description
Min
Max
Units
Conditions
T1
Input setup time to the rising
edge of REFCLK or TBCn
1.5
—
ns
Measured between the valid data
level of the input and the 1.4V point
of REFCLK or TBCn
T2
Input hold time after the rising
edge of REFCLK or TBCn
1.0
—
ns
Valid
T1
T2
REFCLK
Valid
Valid
T1
T2
Internal Clock
(from PLL)
(DUAL=1)
REFCLK
(DUAL=0)
Tn(7:0)
C/Dn
WSENn
Valid
T1
T2
Valid
Valid
T1
T2
Internal Clock
(from PLL)
TBCn
(or TBCA)
Tn(7:0)
C/Dn
WSENn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com