Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLT53 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLT53
Description  UHF power transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLT53 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLT53 Datasheet HTML 1Page - NXP Semiconductors BLT53 Datasheet HTML 2Page - NXP Semiconductors BLT53 Datasheet HTML 3Page - NXP Semiconductors BLT53 Datasheet HTML 4Page - NXP Semiconductors BLT53 Datasheet HTML 5Page - NXP Semiconductors BLT53 Datasheet HTML 6Page - NXP Semiconductors BLT53 Datasheet HTML 7Page - NXP Semiconductors BLT53 Datasheet HTML 8Page - NXP Semiconductors BLT53 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
May 1991
5
Philips Semiconductors
Product specification
UHF power transistor
BLT53
Fig.6
Transition frequency as a function of emitter
current, typical values.
VCB = 7.5 V.
handbook, halfpage
024
fT
(GHz)
IE (A)
6
5
0
1
MCD196
4
3
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com