Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS75R17KE3 Datasheet(PDF) 6 Page - eupec GmbH

Part # FS75R17KE3
Description  IGBT-Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

FS75R17KE3 Datasheet(HTML) 6 Page - eupec GmbH

  FS75R17KE3 Datasheet HTML 1Page - eupec GmbH FS75R17KE3 Datasheet HTML 2Page - eupec GmbH FS75R17KE3 Datasheet HTML 3Page - eupec GmbH FS75R17KE3 Datasheet HTML 4Page - eupec GmbH FS75R17KE3 Datasheet HTML 5Page - eupec GmbH FS75R17KE3 Datasheet HTML 6Page - eupec GmbH FS75R17KE3 Datasheet HTML 7Page - eupec GmbH FS75R17KE3 Datasheet HTML 8Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technische Information / technical information
FS75R17KE3
IGBT-Module
IGBT-modules
Vorläufige Daten
preliminary data
$
3
U
W
$
3
U
W
$
3
U
W
$
3
U
W
?
%
U
W
?
%
U
W
?
%
U
W
?
%
U
W
#TQe ) U4cW
#TQe ) U4cW
#TQe ) U4cW
#TQe ) U4cW
C65 ) B; O; -./ ) L
-; &'( ) 1 *+,
C65 ) B; O; -./ ) L
-; &'( ) 1 *+,
C65 ) B; O; -./ ) L
-; &'( ) 1 *+,
C65 ) B; O; -./ ) L
-; &'( ) 1 *+,
4c m8o
0
20
40
60
80
100 120 140
40
35
30
25
20
15
10
5
0
#TQe
$
3
U
W
$
3
U
W
$
3
U
W
$
3
U
W
?
%
U
W
?
%
U
W
?
%
U
W
?
%
U
W
#TQe ) U CW
#TQe ) U CW
#TQe ) U CW
#TQe ) U CW
4c ) 2* 8; -./ ) L
-; &'( ) 1 *+,
4c ) 2* 8; -./ ) L
-; &'( ) 1 *+,
4c ) 2* 8; -./ ) L
-; &'( ) 1 *+,
4c ) 2* 8; -./ ) L
-; &'( ) 1 *+,
C mOo
0
4
8 12 16 20 24 28 32 36 40
22
21
20
19
18
17
16
15
14
13
12
11
10
#TQe
&
G
?
3
&
G
?
3
&
G
?
3
&
G
?
3
}@Jb. ) U W
}@Jb. ) U W
}@Jb. ) U W
}@Jb. ) U W
m o
0,001
0,01
0,1
1
10
0,01
0,1
1
}@Jb. 3
Nm!E
o
Nm o
1
; A
; 1
;1AA
; A
;1L
; B
A
; LB
;



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com