Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLU99/SL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLU99/SL
Description  UHF power transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLU99/SL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLU99/SL Datasheet HTML 6Page - NXP Semiconductors BLU99/SL Datasheet HTML 7Page - NXP Semiconductors BLU99/SL Datasheet HTML 8Page - NXP Semiconductors BLU99/SL Datasheet HTML 9Page - NXP Semiconductors BLU99/SL Datasheet HTML 10Page - NXP Semiconductors BLU99/SL Datasheet HTML 11Page - NXP Semiconductors BLU99/SL Datasheet HTML 12Page - NXP Semiconductors BLU99/SL Datasheet HTML 13Page - NXP Semiconductors BLU99/SL Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
March 1993
10
Philips Semiconductors
Product specification
UHF power transistor
BLU99
BLU99/SL
APPLICATION INFORMATION (part II)
R.F. performance in c.w. operation (common-emitter class-B circuit) at f = 900 MHz; Th =25 °C
MODE OF OPERATION
VCE
V
PL
W
PS
W
GP
dB
IC
A
ηC
%
narrow band; c.w.
12,5
4
typ. 0,8
typ. 7,0
typ. 0,54
typ. 60
Fig.15 Class-B test circuit at f = 900 MHz.
handbook, full pagewidth
MDA382
BLU99
C1
C2
C3
C5
C4
L1
L2
L5
L3
L8
C7
L4
R1
L6
50
Ω
50
Ω
C6
C10
L7
L10
C12
+VCC = 12.5 V
R2
C8
C9
,,
,,
,,,
,,,
,,
,,
,,,,,,,
L9
C11
C13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com