Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS2-117RH/PROTO Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HS2-117RH/PROTO
Description  Radiation Hardened Adjustable Positive Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS2-117RH/PROTO Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HS2-117RH/PROTO Datasheet HTML 8Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 9Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 10Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 11Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 12Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 13Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 14Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 15Page - Renesas Technology Corp HS2-117RH/PROTO Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
HS-117RH, HS-117EH
FN4560 Rev.11.00
Page 12 of 16
Mar 28, 2019
Revision History The revision history provided is for informational purposes only and is believed to be accurate, but not warranted.
Please visit our website to make sure you have the latest revision.
DATE
REVISION
CHANGE
Mar 28, 2019
FN4560.11
Updated links throughout document.
Updated Related Literature section.
Updated SEL/SEB LETTH information in Features section on page 1.
Added Note 3.
Updated Figure 16.
Removed About Intersil section.
Updated POD J3.A to the latest revision, changes are as follows:
-Updated Max value for Symbol A from: 0.124inches/3.15mm to: 0.122inches/3.10mm
Updated Disclaimer
Mar 25, 2014
FN4560.10
Updated “Ordering Information on page 3. Expanded content in datasheet from 3 to 15 pages.
Sep 4, 2012
FN4560.9
Added HS-117EH as Device # to datasheet (EH FGs already added to the Ordering Information table), making
this a 2-part datasheet: HS-117RH, HS-117EH.
Global search/change HS-117RH to HS-117RH, HS-117EH.
Dec 15, 2011
FN4560.8
Added parts to datasheet: HS2-117EH-Q, HS0-117EH-Q, HS9S-117EH-Q and HSYE-117EH-Q
Oct 10, 2003
FN4560.7
Revised datasheet includes a new date and file number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com