Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HS-80C86RH Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HS-80C86RH
Description  Radiation Hardened 16-Bit CMOS Microprocessor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS-80C86RH Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HS-80C86RH Datasheet HTML 17Page - Renesas Technology Corp HS-80C86RH Datasheet HTML 18Page - Renesas Technology Corp HS-80C86RH Datasheet HTML 19Page - Renesas Technology Corp HS-80C86RH Datasheet HTML 20Page - Renesas Technology Corp HS-80C86RH Datasheet HTML 21Page - Renesas Technology Corp HS-80C86RH Datasheet HTML 22Page - Renesas Technology Corp HS-80C86RH Datasheet HTML 23Page - Renesas Technology Corp HS-80C86RH Datasheet HTML 24Page - Renesas Technology Corp HS-80C86RH Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
HS-80C86RH
FN3035 Rev 0.00
Page 21 of 30
August 2000
Halt
When a software “HALT” instruction is executed the processor
indicates that it is entering the “HALT” state in one of two ways
depending upon which mode is strapped. In minimum mode,
the processor issues one ALE with no qualifying bus control
signals. In maximum mode the processor issues appropriate
HALT status on S2, S1, S0 and the 82C88 bus controller
issues one ALE. The HS-80C86RH will not leave the “HALT”
state when a local bus “hold” is entered while in “HALT”. In this
case, the processor reissues the HALT indicator at the end of
the local bus hold. An NMl or interrupt request (when interrupts
enabled) or RESET will force the HS-80C86RH out of the
“HALT” state.
Read/Modify/Write (Semaphore)
Operations Via Lock
The LOCK status information is provided by the processor
when consecutive bus cycles are required during the execution
of an instruction. This gives the processor the capability of
performing read/modify/write operations on memory (via the
Exchange Register With Memory instruction, for example)
without another system bus master receiving intervening
memory cycles. This is useful in multiprocessor system
configurations to accomplish “test and set lock” operations.
The LOCK signal is activated (forced LOW) in the clock cycle
following decoding of the software “LOCK” prefix instruction. It
is deactivated at the end of the last bus cycle of the instruction
following the “LOCK” prefix instruction. While LOCK is active a
request on a RQ/GT pin will be recorded and then honored at
the end of the LOCK.
External Synchronization Via TEST
As an alternative to interrupts, the HS-80C86RH provides a
single software-testable input pin (TEST). This input is utilized
by executing a WAIT instruction. The single WAIT instruction is
repeatedly executed until the TEST input goes active (LOW).
The execution of WAIT does not consume bus cycles once the
queue is full.
If a local bus request occurs during WAIT execution, the
HS-80C86RH three-states all output drivers while inputs and I/O
pins are held at valid logic levels by internal bus-hold circuits. If
interrupts are enabled, the HS-80C86RH will recognize
interrupts and process them when it regains control of the bus.
The WAIT instruction is then refetched, and reexecuted.
Basic System Timing
Typical system configurations for the processor operating in
minimum mode and in maximum mode are shown in Figures
14A and 14B, respectively. In minimum mode, the MN/MX pin
is strapped to VDD and the processor emits bus control signals
(e.g. RD, WR, etc.) directly. In maximum mode, the MN/MX pin
is strapped to GND and the processor emits coded status
information which the 82C88 bus controller used to generate
Multibus™ compatible bus control signals. Figure 11 shows the
signal timing relationships.
System Timing - Minimum System
The read cycle begins in T1 with the assertion of the Address
Latch Enable (ALE) signal. The trailing (low-going) edge of this
signal is used to latch the address information, which is valid
on the address/data bus (AD0-AD15) at this time, into the
82C82 latches. The BHE and A0 signals address the low, high
or both bytes. From T1 to T4 the M/IO signal indicates a
memory or I/O operation. At T2, the address is removed from
the address/data bus and the bus is held at the last valid logic
state by internal bus hold devices. The read control signal is
also asserted at T2. The read (RD) signal causes the
addressed device to enable its data bus drivers to the local
bus. Some time later, valid data will be available on the bus
and the addressed device will drive the READY line HIGH.
When the processor returns the read signal to a HIGH level,
the addressed device will three-state its bus drivers. If a
transceiver is required to buffer the HS-80C86RH local bus,
signals DT/R and DEN are provided by the HS-80C86RH.
A write cycle also begins with the assertion of ALE and the
emission of the address. The M/IO signal is again asserted to
ALE
LOCK
INTA
AD0-
FLOAT
TYPE
AD15
T1
T2
T3
T4 TI
T1
T2
T3
T4
VECTOR
FIGURE 13. INTERRUPT ACKNOWLEDGE SEQUENCE
AH
BH
CH
DH
SP
BP
SI
DI
IP
FLAGSH
CS
DS
SS
ES
AL
BL
CL
DL
FLAGSL
ACCUMULATOR
BASE
COUNT
DATA
STACK POINTER
BASE POINTER
SOURCE INDEX
DESTINATION INDEX
INSTRUCTION POINTER
STATUS FLAGS
CODE SEGMENT
DATA SEGMENT
STACK SEGMENT
EXTRA SEGMENT
AX
BX
CX
DX
TABLE 4. HS-80C86RH REGISTER MODEL
Multibus™ is a trademark of Intel Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com