Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DML1012LDS-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DML1012LDS-13
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML1012LDS-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DML1012LDS-13 Datasheet HTML 1Page - Diodes Incorporated DML1012LDS-13 Datasheet HTML 2Page - Diodes Incorporated DML1012LDS-13 Datasheet HTML 3Page - Diodes Incorporated DML1012LDS-13 Datasheet HTML 4Page - Diodes Incorporated DML1012LDS-13 Datasheet HTML 5Page - Diodes Incorporated DML1012LDS-13 Datasheet HTML 6Page - Diodes Incorporated DML1012LDS-13 Datasheet HTML 7Page - Diodes Incorporated DML1012LDS-13 Datasheet HTML 8Page - Diodes Incorporated DML1012LDS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DML1012LDS
Document number: DS42235 Rev. 6 - 2
5 of 12
www.diodes.com
March 2022
© 2022 Diodes Incorporated. All Rights Reserved.
DML1012LDS
Performance Characteristics (@TA = +25°C, unless otherwise specified.)
VIN (V)
VIN (V)
VIN (V)
VIN (V)
VIN (V)
tON vs. VIN (VBIAS = 5V)
tOFF vs. VIN (VBIAS = 5V)
tR vs. VIN (VBIAS = 5V)
tF vs. VIN (VBIAS = 5V)
tD-ON vs. VIN (VBIAS = 5V)
tON (μs)_0°C
tON (μs)_25°C
tON (μs)_85°C
tR (μs)_0°C
tR (μs)_25°C
tR (μs)_85°C
tON_delay (μs)_0°C
tON_delay (μs)_25°C
tON_delay (μs)_85°C
tF (ns)_0°C
tF (ns)_25°C
tF (ns)_85°C
tOFF (ns)_0°C
tOFF (ns)_25°C
tOFF (ns)_85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com