Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIP-DC-1M Datasheet(PDF) 1 Page - VIGO Photonics S.A.

Part # MIP-DC-1M
Description  Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIGO [VIGO Photonics S.A.]
Direct Link  https://vigophotonics.com/us/
Logo VIGO - VIGO Photonics S.A.

MIP-DC-1M Datasheet(HTML) 1 Page - VIGO Photonics S.A.

  MIP-DC-1M Datasheet HTML 1Page - VIGO Photonics S.A. MIP-DC-1M Datasheet HTML 2Page - VIGO Photonics S.A. MIP-DC-1M Datasheet HTML 3Page - VIGO Photonics S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MIP series preamplifiers datasheet
P a g e | 1
18/03/2021
VIGO System S.A. reserves the right to change these specifications at any time without notification.
www.vigo.com.pl
MIP series
MIP is a series of medium-size transimpedance, DC or AC coupled
preamplifiers, intendend to operate with either biased or non-biased VIGO
detectors. MIP is equipped with a fan and does not require any additional
external heatsink. It is one of the most user-friendly preamplifier which surely
facilitate work.
Features
Frequency bandwidth up to 250 MHz
Integrated fan
Compatible with optical accessories
Specification (Ta = 20°C)
Parameter
Typical value
Conditions, remarks
Low cut-off frequency flo, Hz
DC, 10, 100, 1k, 10k
High cut-off frequency fhi, Hz
100k, 1M, 10M, 100M, 250M
Transimpedance Ki, V/A
up to 200k
fixed
Output impedance Rout, Ω
50
Output voltage swing Vout, V
±10
±2
±1
fhi ≤ 1 MHz, RL = 1 MΩ*)
1 MHz < fhi ≤ 10 MHz, RL = 1 MΩ*)
10 MHz < fhi ≤ 250 MHz, RL = 50 Ω*)
Output voltage offset Voff, mV
max ±20**)
Power supply voltage Vsup, V
±15
±9
fhi ≤ 1 MHz
fhi > 1 MHz
Power supply current Isup, mA
max ±50
Ambient operating temperature Ta, °C
10 to 30
Signal output socket
SMA
Power supply and TEC control socket
LEMO (female)
ECG.0B.309.CLN
Mounting hole
M4
Fan
yes
*) RL – load resistance
**) Measured with equivalent resistor at the input instead of the detector, it is to avoid the environmental thermal radiation impact.
Types of VIGO detectors that can be integrated
with MIP preamplifier
Photoconductive
PC-2TE, PC-3TE, PC-4TE
Phtoconductive optically immersed
PCI-2TE, PCI-3TE, PCI-4TE
Photovoltaic
PV-2TE, PVA-2TE, PV-3TE, PV-4TE
Photovoltaic optically immersed
PVI-2TE, PVIA-2TE, PVI-3TE, PVI-4TE
Photovoltaic multiple junction
PVM-2TE
Photovoltaic multiple junction optically immersed
PVMI-2TE, PVMI-3TE, PVMI-4TE
Code description
Type
flo, Hz
fhi, Hz
MIP –
DC
10
100
1k
10k
–
100k
1M
10M
100M
250M
Power supply and TEC control socket
LEMO (female) ECG.0B.309.CLN
Function
Symbol
Pin number
Fan (+)
FAN+
1
Thermistor output (2)
TH2
2
TEC supply input (–)
TEC–
3
Power supply input (–)
–Vsup
4
Ground
GND
5
Power supply input (+) +Vsup
6
TEC supply input (+)
TEC+
7
Thermistor output (1)
TH1
8
Data pin
DATA
9
Included accessories
SMA-BNC, LEMO-DB9 cables
Dedicated accessories
PTCC-01-BAS TEC controller + USB: TypeA-MicroB cable
+ AC adaptor
PTCC-01-ADV TEC controller + USB: TypeA-MicroB cable
+ AC adaptor
PTCC-01-OEM TEC controller + USB: TypeA-MicroB,
KK2-POWER cables
OTA optical threaded adapter
DRB-2 base mounting system


Similar Part No. - MIP-DC-1M

ManufacturerPart #DatasheetDescription
logo
Digital View Ltd
MIP-1000 DIGITALVIEW-MIP-1000 Datasheet
520Kb / 2P
MIPI interface LCD controller board
Oct 2019 v1.1
logo
Advantech Co., Ltd.
MIP-3104-AE ADVANTECH-MIP-3104-AE Datasheet
264Kb / 2P
4U CompactPCI With 7 Peripheral Slots
MIP-3104-AE ADVANTECH-MIP-3104-AE Datasheet
283Kb / 2P
4U CompactPCI With 7 Peripheral Slots
More results

Similar Description - MIP-DC-1M

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
POWER SUPPLY CONTROL IC
logo
NTE Electronics
RX1500-16 NTE-RX1500-16 Datasheet
46Kb / 7P
ECG Isopropanol
logo
Actel Corporation
BPW456-1270-26AB11 ACTEL-BPW456-1270-26AB11 Datasheet
921Kb / 4P
BGA456 - 35x35mm, 1.27mm E-TEC SOCKET
logo
Pomona Electronics
1794 POMONA-1794 Datasheet
20Kb / 1P
BNC Female To WE-309 Phone Plug
MODEL1794 POMONA-MODEL1794 Datasheet
20Kb / 1P
BNC Female To WE-309 Phone Plug
logo
Delta Electronics, Inc.
HET200VC DELTA-HET200VC Datasheet
248Kb / 1P
FAN / TEC / Control fail alarm
logo
Monolithic Power System...
MP8124 MPS-MP8124 Datasheet
1Mb / 21P
500mA LNB Power Supply and Control Regulator
logo
Festo Corporation.
573855 FESTO-573855 Datasheet
94Kb / 2P
Power supply socket
7/18/22
logo
VIGO Photonics S.A.
PIP VIGO-PIP Datasheet
750Kb / 2P
Power supply and TEC control socket LEMO (female) ECG.0B.309.CLN
22/12/2021
logo
Siemens Semiconductor G...
3TB4817-0B SIEMENS-3TB4817-0B Datasheet
490Kb / 4P
3TB4817-0B / 3TB5017-0B
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com