Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6545ACBZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6545ACBZ
Description  5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6545ACBZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6545ACBZ Datasheet HTML 9Page - Renesas Technology Corp ISL6545ACBZ Datasheet HTML 10Page - Renesas Technology Corp ISL6545ACBZ Datasheet HTML 11Page - Renesas Technology Corp ISL6545ACBZ Datasheet HTML 12Page - Renesas Technology Corp ISL6545ACBZ Datasheet HTML 13Page - Renesas Technology Corp ISL6545ACBZ Datasheet HTML 14Page - Renesas Technology Corp ISL6545ACBZ Datasheet HTML 15Page - Renesas Technology Corp ISL6545ACBZ Datasheet HTML 16Page - Renesas Technology Corp ISL6545ACBZ Datasheet HTML 17Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ISL6545, ISL6545A
FN6305 Rev 7.00
Page 13 of 17
October 7, 2015
Minimizing the response time can minimize the output
capacitance required.
The response time to a transient is different for the application
of load and the removal of load. The equations in Equation 11
give the approximate response time interval for application and
removal of a transient load:
where: ITRAN is the transient load current step, tRISE is the
response time to the application of load, and tFALL is the
response time to the removal of load. The worst case response
time can be either at the application or removal of load. Be
sure to check both of these equations at the minimum and
maximum output levels for the worst case response time.
Input Capacitor Selection
Use a mix of input bypass capacitors to control the voltage
overshoot across the MOSFETs. Use small ceramic capacitors
for high frequency decoupling and bulk capacitors to supply the
current needed each time Q1 turns on. Place the small ceramic
capacitors physically close to the MOSFETs and between the
drain of Q1 and the source of Q2.
The important parameters for the bulk input capacitor are the
voltage rating and the RMS current rating. For reliable
operation, select the bulk capacitor with voltage and current
ratings above the maximum input voltage and largest RMS
current required by the circuit. The capacitor voltage rating
should be at least 1.25x greater than the maximum input
voltage and a voltage rating of 1.5x is a conservative guideline.
The RMS current rating requirement for the input capacitor of a
buck regulator is approximately 1/2 the DC load current.
For a through-hole design, several electrolytic capacitors may be
needed. For surface mount designs, solid tantalum capacitors can
also be used, but caution must be exercised with regard to the
capacitor surge current rating. These capacitors must be capable
of handling the surge current at power-up. Some capacitor series
available from reputable manufacturers are surge current tested.
MOSFET Selection/Considerations
The ISL6545x requires two N-Channel power MOSFETs. These
should be selected based upon rDS(ON), gate supply
requirements, and thermal management requirements.
In high-current applications, the MOSFET power dissipation,
package selection and heatsink are the dominant design factors.
The power dissipation includes two loss components; conduction
loss and switching loss. The conduction losses are the largest
component of power dissipation for both the upper and the lower
MOSFETs. These losses are distributed between the two
MOSFETs according to duty factor. The switching losses seen
when sourcing current will be different from the switching
losses seen when sinking current. When sourcing current, the
upper MOSFET realizes most of the switching losses. The
lower switch realizes most of the switching losses when the
converter is sinking current (see the equations in Equation 12).
These equations assume linear voltage-current transitions and do
not adequately model power loss due the reverse-recovery of
the upper and lower MOSFET’s body diode. The gate-charge
losses are dissipated by the ISL6545x and do not heat the
MOSFETs. However, large gate-charge increases the switching
interval, tSW which increases the MOSFET switching losses.
Ensure that both MOSFETs are within their maximum junction
temperature at high ambient temperature by calculating the
temperature rise according to package thermal-resistance
specifications. A separate heatsink may be necessary depending
upon MOSFET power, package type, ambient temperature and
air flow.
When operating with a 12V power supply for VCC (or down to a
minimum supply voltage of 6.5V), a wide variety of N-MOSFETs
can be used. Check the absolute maximum VGS rating for both
MOSFETs; it needs to be above the highest VCC voltage allowed
in the system; that usually means a 20V VGS rating (which
typically correlates with a 30V VDS maximum rating). Low
threshold transistors (around 1V or below) are not recommended,
for the reasons explained in the next paragraph.
For 5V only operation, given the reduced available gate bias
voltage (5V), logic-level transistors should be used for both N-
MOSFETs. Look for rDS(ON) ratings at 4.5V. Caution should be
exercised with devices exhibiting very low VGS(ON)
characteristics. The shoot-through protection present aboard
the ISL6545x may be circumvented by these MOSFETs if they
have large parasitic impedences and/or capacitances that
would inhibit the gate of the MOSFET from being discharged
below its threshold level before the complementary MOSFET is
turned on. Also avoid MOSFETs with excessive switching
times; the circuitry is expecting transitions to occur in under
50ns or so.
tRISE =
L x ITRAN
VIN - VOUT
tFALL =
L x ITRAN
VOUT
(EQ. 11)
PLOWER = Io2 x rDS(ON) x (1 - D)
Where: D is the duty cycle = VOUT / VIN,
tSW is the combined switch ON and OFF time, and
FSW is the switching frequency.
Losses while Sourcing Current
Losses while Sinking Current
PLOWER
Io
2
rDS ON

1D
–

1
2
--- Io
VIN
tSW FS
+
=
PUPPER
Io
2
rDS ON

D
1
2
--- Io
VIN
tSW FS
+
=
PUPPER = Io2 x rDS(ON) x D
(EQ. 12)
ISL6545, ISL6545A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com