Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL6545ACRZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL6545ACRZ
Description  5V or 12V Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6545ACRZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL6545ACRZ Datasheet HTML 1Page - Renesas Technology Corp ISL6545ACRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6545ACRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6545ACRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6545ACRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6545ACRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6545ACRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6545ACRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6545ACRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ISL6545, ISL6545A
FN6305 Rev 7.00
Page 2 of 17
October 7, 2015
*
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
FIXED FREQUENCY
OSCILLATOR
(kHz)
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6545CBZ
6545 CBZ
300
0 to +70
8 Ld SOIC
M8.15
ISL6545ACBZ
6545 ACBZ
600
0 to +70
8 Ld SOIC
M8.15
ISL6545IBZ
6545 IBZ
300
-40 to +85
8 Ld SOIC
M8.15
ISL6545AIBZ
6545 AIBZ
600
-40 to +85
8 Ld SOIC
M8.15
ISL6545CRZ
545Z
300
0 to +70
10 Ld DFN
L10.3x3C
ISL6545ACRZ
45AZ
600
0 to +70
10 Ld DFN
L10.3x3C
ISL6545AIRZ
5ARZ
600
-40 to +85
10 Ld DFN
L10.3x3C
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6545, ISL6545A. For more information on MSL please see
techbrief TB363.
ISL6545, ISL6545A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com