Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC9817ENR2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # MPC9817ENR2
Description  Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

MPC9817ENR2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  MPC9817ENR2 Datasheet HTML 1Page - Renesas Technology Corp MPC9817ENR2 Datasheet HTML 2Page - Renesas Technology Corp MPC9817ENR2 Datasheet HTML 3Page - Renesas Technology Corp MPC9817ENR2 Datasheet HTML 4Page - Renesas Technology Corp MPC9817ENR2 Datasheet HTML 5Page - Renesas Technology Corp MPC9817ENR2 Datasheet HTML 6Page - Renesas Technology Corp MPC9817ENR2 Datasheet HTML 7Page - Renesas Technology Corp MPC9817ENR2 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPC9817 REVISION 3 AUGUST 16, 2012
2
©2012 Integrated Device Technology, Inc.
MPC9817 Data Sheet
CLOCK GENERATOR FOR POWERQUICC AND POWERPC MICROPROCESSORS AND MICROCONTROLLERS
Figure 1. MPC9817 Logic Diagram
Table 1. Pin Configurations
Pin
I/O
Type
Function
QA0, QA1, QA2, QA3, QA4
Output
LVCMOS
Clock Outputs
QREF0, QREF1, QREF2
Output
LVCMOS
Reference Output (25 MHz)
XTAL_IN
Input
LVCMOS
Crystal Oscillator Input Pin
XTAL_OUT
Output
LVCMOS
Crystal Oscillator Output Pin
FSEL0, FSEL1
Input
LVCMOS
Configures Bank A Clock Output Frequency (pull-up)
MR/OE
Input
LVCMOS
Enables All Outputs (pull-down)
VDD
—
—
3.3-V Supply
GND
—
—
Ground
Table 2. Function Table
Control
Default
00
01
10
11
FSEL0,FSEL1
11
25 MHz fed directly
from reference input,
PLL disabled
33 MHz
50 MHz
66 MHz
Ref
PLL
400 MHz
QA0
QA1
QA2
QA4
XTAL_IN
OSC
XTAL_OUT
FSEL0
QREF0
FSEL1
QA3
QREF1
QREF2
Data
Generator
MR/OE
33,50,66 MHz
25 MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com