Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DML3010LFDS Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DML3010LFDS
Description  SINGLE CHANNEL SMART LOAD SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML3010LFDS Datasheet(HTML) 5 Page - Diodes Incorporated

  DML3010LFDS Datasheet HTML 1Page - Diodes Incorporated DML3010LFDS Datasheet HTML 2Page - Diodes Incorporated DML3010LFDS Datasheet HTML 3Page - Diodes Incorporated DML3010LFDS Datasheet HTML 4Page - Diodes Incorporated DML3010LFDS Datasheet HTML 5Page - Diodes Incorporated DML3010LFDS Datasheet HTML 6Page - Diodes Incorporated DML3010LFDS Datasheet HTML 7Page - Diodes Incorporated DML3010LFDS Datasheet HTML 8Page - Diodes Incorporated DML3010LFDS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DML3010LFDS
Document number: DS44721 Rev. 4 - 2
4 of 12
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
DML3010LFDS
Switching Characeristics (TA = +25°C, VTERM = VVCC = 5V, RPG = 100kΩ, RVOUT = 10Ω, CVIN = 1μF, CVOUT = 0.1μF, CVCC = 1μF,
unless otherwise specified.)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN = 1.8V
tON
Output Turn-On Delay time
VCC = 3.3V
—
200
—
µs
VCC = 5V
—
130
—
tOFF
Output Turn-Off Delay time
VCC = 3.3V
—
0.5
—
VCC = 5V
—
0.5
—
tPGON
Power Good Turn−On Time
VCC = 3.3V
—
0.4
—
ms
VCC = 5V
—
0.35
—
tPGOFF
Power
Good Turn−Off Time
VCC = 3.3V
—
20
—
ns
VCC = 5V
—
15
—
SR
Output Slew Rate
VCC = 3.3V
—
17
—
kV/s
VCC = 5V
—
17
—
VIN = 12V
tON
Output Turn-On Delay time
VCC = 3.3V
—
170
—
µs
VCC = 5V
—
110
—
tOFF
Output Turn-Off Delay time
VCC = 3.3V
—
0.6
—
VCC = 5V
—
0.55
—
tPGON
Power Good Turn−On Time
VCC = 3.3V
—
0.6
—
ms
VCC = 5V
—
0.5
—
tPGOFF
Power Good Turn−Off Time
VCC = 3.3V
—
20
—
ns
VCC = 5V
—
15
—
SR
Output Slew Rate
VCC = 3.3V
—
43
—
kV/s
VCC = 5V
—
43
—
EN
VOUT
50%
50%
90%
10%
tON
tOFF
10%
tR
PG
50%
tPG,OFF
tPG,ON
50%
5
Figure 1 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com