Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCE30P15AS Datasheet(PDF) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE30P15AS
Description  NCE P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE30P15AS Datasheet(HTML) 2 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE30P15AS Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P15AS Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P15AS Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P15AS Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P15AS Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P15AS Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE30P15AS Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Wuxi NCE Power Co., Ltd
Page
v1.0
2
NCE30P15AS
Pb Free Product
http://www.ncepower.com
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-0.8
-1. 25
-2.2
V
VGS=-10V, ID=-15A
-
8.5
12
mΩ
Drain-Source On-State Resistance
RDS(ON)
VGS=-4.5V, ID=-10A
-
11.5
15
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-15A
30
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
2900
-
PF
Output Capacitance
Coss
-
410
-
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
-
280
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
15
-
nS
Turn-on Rise Time
tr
-
11
-
nS
Turn-Off Delay Time
td(off)
-
44
-
nS
Turn-Off Fall Time
tf
VDD=-15V, ID=-10A,
VGS=-10V,RGEN=3Ω
-
21
-
nS
Total Gate Charge
Qg
-
48
-
nC
Gate-Source Charge
Qgs
-
12
-
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-10A,VGS=-10V
-
14
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-2A
-
-
-1.2
V
Notes
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com