Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP89N04PDK Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # NP89N04PDK
Description  40 V – 90 A – N-channel Power MOS FET Application: Automotive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP89N04PDK Datasheet(HTML) 3 Page - Renesas Technology Corp

  NP89N04PDK Datasheet HTML 1Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 2Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 3Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 4Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 5Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 6Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 7Page - Renesas Technology Corp NP89N04PDK Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NP89N04PDK
Preliminary
R07DS1016EJ0200 Rev.2.00
Page 3 of 6
May 24, 2018
Typical Characteristics (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS SAFE
OPERATING AREA
0
20
40
60
80
100
120
20
40
60
80
100
160
140
120
0
0
25
50
75
100
125
150
175
TC - Case Temperature - °C
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
0
25
50
75
100
125
150
175
TC - Case Temperature - °C
FORWARD BIAS SAFE OPERATING AREA
0.1
1
10
100
VDS - Drain to Source Voltage - V
0.1
1
10
100
1000
100
μ
1 m
10 m
100 m
1
10
100
1000
PW - Pulse Width - s
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.01
0.1
1
10
100
1000
Rth(ch-C) = 1.02°C/W
Rth(ch-A) = 83.3°C/W
Power Dissipation Limited
Secondary Breakdown Limited
T
C = 25°C
Single Pulse
Single Pulse
I
D(DC) = 90 A
I
D(Pulse) = 360 A
RDS(ON) Limited
(VGS=10 V)
PW
= 100
μs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com