Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CKSAAAAAAAA Datasheet(PDF) 3 Page - Lorlin Electronics Ltd.

Part # CKSAAAAAAAA
Description  CKS IP66/IP67 SEALED ROTARY SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

CKSAAAAAAAA Datasheet(HTML) 3 Page - Lorlin Electronics Ltd.

  CKSAAAAAAAA Datasheet HTML 1Page - Lorlin Electronics Ltd. CKSAAAAAAAA Datasheet HTML 2Page - Lorlin Electronics Ltd. CKSAAAAAAAA Datasheet HTML 3Page - Lorlin Electronics Ltd. CKSAAAAAAAA Datasheet HTML 4Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Nb. There is also a specification drawing sheet at the end
STANDARD PART NUMBERS
BASIC TYPES
SPINDLE
DIAMETER
SPINDLE LENGTH
FROM
MOUNTING FACE
8mm LONG
BUSH
SPINDLE FLAT
LENGTH
ANGLE OF
SPINDLE FLAT
SPINDLE FLAT
THICKNESS
IMPERIAL
6.35mm
38mm
9.52 x 32 TPI
30mm
90⁰
5.5mm
METRIC
6.00mm
50mm
M10 x 0.75
No Flat
-
-
CIRCUITRY AT 30⁰ INDEXING
PLATING FINISH
STANDARD METRIC
STANDARD IMPERIAL
Shorting (MBB)
Non- Shorting
(BBM)
Shorting (MBB)
Non- Shorting
(BBM)
1 POLE 12 POSITION
STOP INCLUDED
Silver
CKS1039
CKS1029
CKS1034
CKS1024
Solder Tag
Gold Flash
CKS1508
CKS1503
CKS1516
CKS1520
Gold Plate
CKS2444
CKS1672
CKS2458
CKS2459
Silver
CKS1059
CKS1049
CKS1054
CKS1044
Printed Circuit
Gold Flash
CKS1512
CKS1506
CKS1524
CKS1528
Board
Gold Plate
CKS1475
CKS1312
CKS2460
CKS2461
1 POLE 12 POSITION
CONTINUOUS ROTATION
Silver
CKS1038
CKS1028
CKS1033
CKS1023
Solder Tag
Gold Flash
CKS1533
CKS1537
CKS1541
CKS1545
Gold Plate
CKS2445
CKS2446
CKS2462
CKS2463
Silver
CKS1058
CKS1048
CKS1053
CKS1043
Printed Circuit
Gold Flash
CKS1534
CKS1538
CKS1542
CKS1546
Board
Gold Plate
CKS2447
CKS2448
CKS2464
CKS2465
2 POLE 6 POSITION
STOP INCLUDED
Silver
CKS1040
CKS1030
CKS1035
CKS1025
Solder Tag
Gold Flash
CKS1509
CKS1496
CKS1517
CKS1521
Gold Plate
CKS2449
CKS1726
CKS2466
CKS2467
Silver
CKS1060
CKS1050
CKS1055
CKS1045
Printed Circuit
Gold Flash
CKS1513
CKS1473
CKS1525
CKS1529
Board
Gold Plate
CKS2450
CKS1850
CKS2468
CKS2469
2 POLE 6 POSITION
CONTINUOUS ROTATION
Silver
CKS1114
CKS1118
CKS1120
CKS1121
Solder Tag
Gold Flash
CKS1535
CKS1539
CKS1543
CKS1547
Gold Plate
CKS2451
CKS2452
CKS2470
CKS2471
Silver
CKS1119
CKS1113
CKS1122
CKS1089
Printed Circuit
Gold Flash
CKS1536
CKS1540
CKS1544
CKS1548
Board
Gold Plate
CKS2453
CKS2454
CKS2472
CKS2473
3 POLE 4 POSITION
STOP INCLUDED
Silver
CKS1041
CKS1031
CKS1036
CKS1026
Solder Tag
Gold Flash
CKS1510
CKS1504
CKS1518
CKS1522
Gold Plate
CKS2455
CKS1577
CKS2474
CKS2475
Silver
CKS1061
CKS1051
CKS1056
CKS1046
Printed Circuit
Gold Flash
CKS1514
CKS1500
CKS1526
CKS1530
Board
Gold Plate
CKS2456
CKS1952
CKS2476
CKS2477
4 POLE 3 POSITION
STOP INCLUDED
Silver
CKS1042
CKS1032
CKS1037
CKS1027
Solder Tag
Gold Flash
CKS1511
CKS1505
CKS1519
CKS1523
Gold Plate
CKS1673
CKS1822
CKS2478
CKS2479
Silver
CKS1062
CKS1052
CKS1057
CKS1047
Printed Circuit
Gold Flash
CKS1515
CKS1507
CKS1527
CKS1531
Board
Gold Plate
CKS2457
CKS1953
CKS2480
CKS2481



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com