Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSL Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # MSL
Description  MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

MSL Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  MSL Datasheet HTML 1Page - Lorlin Electronics Ltd. MSL Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
ON/OFF TYPES ARE ENEC APPROVED SWITCH MODULE TO EN61058
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
4/80A @ 240V ac R.C.
Life:
>15,000 Cycles
Proof Voltage:
3kV min (Initial)
Operating Temperature:
-25°C to +85°C
Insulation Resistance:
>999 MΩ at 500V dc (Initial)
Lock Housing Material:
Zinc Alloy Bright Cr Plated
Switch Contacts:
Silver Cadmium Oxide
Keys Material:
Mild Steel Ni Plated
Contact Resistance
<20 mΩ (Initial)
Contact/Terminal Material:
Brass CZ108 Ag Plated
FEATURES
LOCK SWITCH
MSL
All contacts are non-shorting
BBM (break before make)
90° key lock movement
Double pole
Solder terminals –
PCB terminals option
Made in the UK
2 keys per switch as standard
Key removeable in two positions
Common or differ keys
Master key system available
Two stage assembly: Lock through
front and the module attaches by
bracket or snap on from the inside.
MSL LOCK AND BRACKETED OR SNAP ON MAINS MODULE
PANEL
PIERCING
OPTIONS
ROUND HOLE
DOUBLE FLAT
Housing Material:
Polycarbonate
Switch Chamber Material:
Polyamide 6.6 G.F V0 Rated
Tag Panel:
SRBP
Locating washer
Bracketed
Snap ON
Max panel thickness 3.0 mm
Max panel thickness 3.4 mm
Lock type: 8 disc anti-pick
Lock type 5 disc
Differs 2000
Differs 200
BRACKETED MODULE
SNAP ON MODULE


Similar Part No. - MSL

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154BV UOT-MSL-154BV Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154DR UOT-MSL-154DR Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-154G UOT-MSL-154G Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
More results

Similar Description - MSL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9263-3-06 ETC2-FN9263-3-06 Datasheet
421Kb / 3P
General purpose power entry module with mains switch
logo
Lorlin Electronics Ltd.
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL LORLIN-CKL Datasheet
686Kb / 2P
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL5 LORLIN-CKL5 Datasheet
690Kb / 2P
CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE
DSL LORLIN-DSL Datasheet
261Kb / 1P
DSL MAINS LOCK SWITCH
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
MS2000 LORLIN-MS2000 Datasheet
329Kb / 2P
MS2000 MAINS ROTARY SWITCH MODULE
SRLM LORLIN-SRLM Datasheet
1Mb / 1P
SRLM MAINS LOCK SWITCH
SRLMC LORLIN-SRLMC Datasheet
581Kb / 1P
SRLMC MAINS LOCK SWITCH - COMPACT
WRLM LORLIN-WRLM Datasheet
1Mb / 1P
WRLM IP67 SEALED MAINS LOCK SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com