Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLV862 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLV862
Description  UHF linear push-pull power transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV862 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLV862 Datasheet HTML 1Page - NXP Semiconductors BLV862 Datasheet HTML 2Page - NXP Semiconductors BLV862 Datasheet HTML 3Page - NXP Semiconductors BLV862 Datasheet HTML 4Page - NXP Semiconductors BLV862 Datasheet HTML 5Page - NXP Semiconductors BLV862 Datasheet HTML 6Page - NXP Semiconductors BLV862 Datasheet HTML 7Page - NXP Semiconductors BLV862 Datasheet HTML 8Page - NXP Semiconductors BLV862 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
1999 Jun 25
2
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV862
FEATURES
• Double stage internal input and output matching
networks for an optimum wideband capability and
high gain
• Polysilicon emitter ballasting resistors for an optimum
temperature profile
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Common emitter class-AB operation in output stages in
bands 4 and 5 (470 to 860 MHz) television transmitter
amplifiers (vision or sound).
DESCRIPTION
NPN silicon planar epitaxial transistor with two sections in
push-pull configuration. The device is encapsulated in a
SOT262B 4-lead rectangular flange package, with two
ceramic caps.
PINNING
Notes
1. Collectors 1 and 2 are connected together internally.
2. Common emitters are connected to the flange.
PIN
SYMBOL
DESCRIPTION
1
c1
collector 1; note 1
2
c2
collector 2; note 1
3
b1
base 1
4
b2
base 2
5
e
common emitter; note 2
Fig.1 Simplified outline (SOT262B) and symbol.
handbook, halfpage
MAM031
c1
b1
b2
c2
e
12
34
Top view
55
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common emitter push-pull test circuit.
MODE OF
OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηC
(%)
∆Gp
(dB)
CW class-AB
860
28
150
≥8
typ. 9
≥45
typ. 52
≤1
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO discs are not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com