Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N4004 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 1N4004
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1N4004 Datasheet(HTML) 1 Page - STMicroelectronics

  1N4004 Datasheet HTML 1Page - STMicroelectronics 1N4004 Datasheet HTML 2Page - STMicroelectronics 1N4004 Datasheet HTML 3Page - STMicroelectronics 1N4004 Datasheet HTML 4Page - STMicroelectronics 1N4004 Datasheet HTML 5Page - STMicroelectronics 1N4004 Datasheet HTML 6Page - STMicroelectronics 1N4004 Datasheet HTML 7Page - STMicroelectronics 1N4004 Datasheet HTML 8Page - STMicroelectronics 1N4004 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
1/42
AN1262
APPLICATION NOTE
May 2001
1
FLYBACK BASICS
Flyback operation will be illustrated with reference to the basic circuit and the waveforms of fig. 1. It is a two-
step process. During the ON-time of the switch, energy is taken from the input and stored in the primary winding
of the flyback transformer (actually, two coupled inductors). At the secondary side, the catch diode is reverse-
biased, thus the load is being supplied by the energy stored in the output bulk capacitor.
Figure 1. Flyback Topology and associated waveforms.
Q
CLOCK
Ip
Is
Vdrain
Vin
n
•Vout
DCM operation
Q
CLOCK
Ip
Is
Vdrain
∆Ip
CCM operation
Q
CLOCK
Ip
Is
Vdrain
TRANSITION
Vin
ISOLATED
FEEDBACK
Lp
Vout
Is
L6590
L6590D
L6590A
Clock
+
-
DRAIN
GND
1
1/100
S
R
Q
Max. Duty cycle
OSCILLATOR
Driver
Rsense
OCP
+
-
0.5 V
+
-
E/A
2.5 V
VFB
COMP
FREQUENCY
COMPENSATION
Vcc
LEB
Vac
Ls
n:1
Ip
PWM
Clock
by Claudio Adragna
OFFLINE FLYBACK CONVERTERS DESIGN
METHODOLOGY WITH THE L6590 FAMILY
The design of flyback converters is quite a demanding task that requires SMPS engineers to cope with sev-
eral problem areas such as magnetics, control loop analysis, power devices, as well as regulations concern-
ing safety, EMC and the emerging standby consumption requirements. Lots of variable are involved and
complex tradeoffs are necessary to meet the goal.
In this scenario, the high-voltage monolithic switchers of the L6590 family greatly simplify the task and, at
the same time, allow to build robust and cost-effective low-power systems.
In this application note, after a review of flyback topology, a step-by-step design procedure of an offline sin-
gle-output flyback converter will be outlined. As an example, the design of the test board will be carried out
in details.


Similar Part No. - 1N4004

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4004 PANJIT-1N4004 Datasheet
53Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
NXP Semiconductors
1N4004 PHILIPS-1N4004 Datasheet
40Kb / 5P
Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Surge Components
1N4004 SURGE-1N4004 Datasheet
99Kb / 2P
1.0 AMP SILICON RECTIFIERS
logo
Transys Electronics
1N4004 TRSYS-1N4004 Datasheet
147Kb / 3P
PLASTIC SILICON RECTIFIER
logo
Won-Top Electronics
1N4004 WTE-1N4004 Datasheet
52Kb / 3P
1.0A SILICON RECTIFIER
More results

Similar Description - 1N4004

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
APPLICATION NOTE
REV.0
logo
Vectron International, ...
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
Application Note
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
Application Note
AN-1136 IRF-AN-1136 Datasheet
2Mb / 26P
Application Note
AN-983 IRF-AN-983 Datasheet
1Mb / 16P
Application Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com