Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FXPS7115D4 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FXPS7115D4_V03 Datasheet HTML 2Page - NXP Semiconductors FXPS7115D4_V03 Datasheet HTML 3Page - NXP Semiconductors FXPS7115D4_V03 Datasheet HTML 4Page - NXP Semiconductors FXPS7115D4_V03 Datasheet HTML 5Page - NXP Semiconductors FXPS7115D4_V03 Datasheet HTML 6Page - NXP Semiconductors FXPS7115D4_V03 Datasheet HTML 7Page - NXP Semiconductors FXPS7115D4_V03 Datasheet HTML 8Page - NXP Semiconductors FXPS7115D4_V03 Datasheet HTML 9Page - NXP Semiconductors FXPS7115D4_V03 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
7.3.1.1 PABS common mode verification
When the PABS common mode self-test is selected, the ST_ACTIVE bit is set, the ST_ERROR is cleared, and
the device begins an internal measurement of the common mode signal of the P-cells and compares the result
against a predetermined limit. If the result exceeds the limit, the ST_ERROR bit is set. The PABS common mode
self-test repeats continuously every tST_INIT when the ST_CTRL bits are set to the specified value. Once the
test is disabled, the ST_ERROR bit updates with the final test result within tST_INIT of disabling the test. The
ST_ACTIVE bit remains set until the final test result is reported. Figure 4 is an example of a user-controlled self-
test procedure.
aaa-023443
Read the DSP_STAT Register
Delay 500 s
Delay > tST_INIT from Self Test
Activation
Write ST_CTRL = 0x0
Disable PABS
Common Mode Self Test
Write ST_CTRL = 0x10
Enable PABS
Common Mode Self Test
ST_ACTIVE Set?
yes
no
User Determined Options:
1)
2)
3)
Repeat Self-Test xx times
Set error status and continue
Set error status and ignore sensor data
ST_ERROR Set?
END
yes
no
Figure 4. User-controlled PABS common mode self-test flowchart
7.3.1.2 Startup digital self-test verification
Four unique fixed values can be forced at the output of the sinc filter by writing to the ST_CTRL bits as shown in
Table 4. The digital self-test values result in a constant value at the output of the signal chain. After a specified
time period, the SNS_DATAx register value can be verified against the specified values in the table below. The
values listed below are for the PABS signal. When any of these self-test functions are selected, the ST_ACTIVE
bit is set. These signals can only be selected when the ENDINIT bit is not set.
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 6.2 — 28 June 2023
6 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com