Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLV950 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLV950
Description  UHF push-pull power transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV950 Datasheet(HTML) 2 Page - NXP Semiconductors

  BLV950 Datasheet HTML 1Page - NXP Semiconductors BLV950 Datasheet HTML 2Page - NXP Semiconductors BLV950 Datasheet HTML 3Page - NXP Semiconductors BLV950 Datasheet HTML 4Page - NXP Semiconductors BLV950 Datasheet HTML 5Page - NXP Semiconductors BLV950 Datasheet HTML 6Page - NXP Semiconductors BLV950 Datasheet HTML 7Page - NXP Semiconductors BLV950 Datasheet HTML 8Page - NXP Semiconductors BLV950 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 Oct 27
2
Philips Semiconductors
Product specification
UHF push-pull power transistor
BLV950
FEATURES
• Internal input and output matching for easy matching,
high gain and efficiency
• Poly-silicon emitter ballasting resistors for an optimum
temperature profile
• Gold metallization ensures excellent reliability.
APPLICATIONS
• Base station transmitters in the 800 to 960 MHz range.
DESCRIPTION
Two NPN silicon planar epitaxial transistors in push-pull
configuration, intended for linear common emitter
class-AB operation. The transistors are encapsulated in a
4-lead SOT262A2 flange package with 2 ceramic caps.
The flange provides the common emitter connection for
both transistors.
PINNING - SOT262A2
PIN
SYMBOL
DESCRIPTION
1
c1
collector 1
2
c2
collector 2
3
b1
base 1
4
b2
base 2
5
e
common emitter; connected
to flange
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM031
c1
b1
b2
c2
e
12
34
Top view
55
QUICK REFERENCE DATA
RF performance at Th =25 °C in a common emitter push-pull test circuit.
MODE OF OPERATION
f
(MHz)
VCE
(V)
PL
(W)
Gp
(dB)
ηC
(%)
d3
(dBc)
CW, class-AB
900
26
150
≥8
≥45
−
960
26
150
≥7.5
≥45
−
2-tone, class-AB
900
26
150 (PEP)
≥8.5
≥35
≤−30
960
26
150 (PEP)
≥8
≥35
≤−30
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO discs are not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com