Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FKBA6016 Datasheet(PDF) 1 Page - FETek Technology Corp.

Part # FKBA6016
Description  N-Ch 60V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FETEK [FETek Technology Corp.]
Direct Link  http://www.fetek.com.tw
Logo FETEK - FETek Technology Corp.

FKBA6016 Datasheet(HTML) 1 Page - FETek Technology Corp.

  FKBA6016 Datasheet HTML 1Page - FETek Technology Corp. FKBA6016 Datasheet HTML 2Page - FETek Technology Corp. FKBA6016 Datasheet HTML 3Page - FETek Technology Corp. FKBA6016 Datasheet HTML 4Page - FETek Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FETek Technology Corp.
Data and specifications subject to change without notice.
www.fetek.com.tw
Ver : A
FKBA6016
N-Ch 60V Fast Switching MOSFETs
1
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
60
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25℃
Continuous Drain Current, VGS @ 10V1
52
A
ID@TC=70℃
Continuous Drain Current, VGS @ 10V1
41
A
IDM
Pulsed Drain Current2
120
A
EAS
Single Pulse Avalanche Energy3
72.2
mJ
IAS
Avalanche Current
38
A
PD@TC=25℃
Total Power Dissipation4
62.5
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient 1
---
62
℃/W
RθJC
Thermal Resistance Junction-Case1
---
2
℃/W
BVDSS
RDSON
ID
60V
12m
Ω
52A
The FKBA6016 is the high cell density trenched
N-ch MOSFETs, which provide excellent RDSON
and gate charge for most of the synchronous buck
converter applications.
The FKBA6016 meet the RoHS and Green
Product requirement, 100% EAS guaranteed with
full function reliability approved.
 100% EAS Guaranteed
 Green Device Available
 Super Low Gate Charge
 Excellent CdV/dt effect decline
 Advanced high cell density Trench
technology
Description
Absolute Maximum Ratings
Thermal Data
PRPAK5X6 Pin Configuration
Product Summary


Similar Part No. - FKBA6016

ManufacturerPart #DatasheetDescription
logo
FETek Technology Corp.
FKBA6006 FETEK-FKBA6006 Datasheet
487Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6024A FETEK-FKBA6024A Datasheet
663Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6032 FETEK-FKBA6032 Datasheet
728Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6040 FETEK-FKBA6040 Datasheet
698Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBA6048 FETEK-FKBA6048 Datasheet
469Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : B
More results

Similar Description - FKBA6016

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM6016 UNITPOWER-UM6016 Datasheet
748Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UD6006 UNITPOWER-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UI6008 UNITPOWER-UI6008 Datasheet
731Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM6006D UPI-QM6006D Datasheet
237Kb / 4P
N-Ch 60V Fast Switching MOSFETs
QM6008G UPI-QM6008G Datasheet
229Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKBA6048 FETEK-FKBA6048 Datasheet
469Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : B
FKBA6054 FETEK-FKBA6054 Datasheet
492Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
FKBB6058 FETEK-FKBB6058 Datasheet
516Kb / 4P
N-Ch 60V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com