Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9992BBCZRL Datasheet(PDF) 52 Page - Analog Devices

Part # AD9992BBCZRL
Description  12-Bit CCD Signal Processor with Precision Timing Generator
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9992BBCZRL Datasheet(HTML) 52 Page - Analog Devices

Back Button AD9992BBCZRL Datasheet HTML 48Page - Analog Devices AD9992BBCZRL Datasheet HTML 49Page - Analog Devices AD9992BBCZRL Datasheet HTML 50Page - Analog Devices AD9992BBCZRL Datasheet HTML 51Page - Analog Devices AD9992BBCZRL Datasheet HTML 52Page - Analog Devices AD9992BBCZRL Datasheet HTML 53Page - Analog Devices AD9992BBCZRL Datasheet HTML 54Page - Analog Devices AD9992BBCZRL Datasheet HTML 55Page - Analog Devices AD9992BBCZRL Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
AD9992
Rev. C | Page 52 of 92
Table 23. GPO Registers
Register
Length
Range
Description
GP1_PROTOCOL
3b
0 to 7
0: Idle.
GP2_PROTOCOL
3b
0 to 7
1: No counter association, use MANUAL_TRIG bits to enable each GP signal.
GP3_PROTOCOL
3b
0 to 7
2: Link to primary counter.
GP4_PROTOCOL
3b
0 to 7
3: Link to secondary counter.
GP5_PROTOCOL
3b
0 to 7
4: Link to mode counter (from vertical timing generation).
GP6_PROTOCOL
3b
0 to 7
5: Primary repeat (allows GP signals to repeat with RapidShot).
GP7_PROTOCOL
3b
0 to 7
6: Secondary repeat (allows GP signals to repeat with RapidShot).
GP8_PROTOCOL
8b
0 to 7
7: Keep on.
MANUAL_TRIG
8b
Off/on
Manual trigger for each GP signal, for use with Protocol 1.
GP<1:8>_POL
8b
Low/high
Starting polarity for GP signals, only updated during PROTOCOL = 0.
SEL_GP<1:8>
8b
Off/on
1: Select GP toggles visible at GPO1 to GPO8 when output is enabled (default);
0: Select vertical signals visible at GPO4 to GPO8 when output is enabled.
GPO4: SUBCK.
GPO5: XV21.
GPO6: XV22.
GPO7: XV23.
GPO8: XV24.
GPO_OUTPUT_EN
8b
Off/on
1: Enable GPO1 to GPO8 outputs (one bit per output).
0: Disable GPO1 to GPO8 outputs, pins will be high-Z state (default).
GP*_USE_LUT
8b
Off/on
Send GP signals through a programmable look-up table (LUT).
LUT_FOR_GP12
4b
Logic setting
Desired logic to be realized on GP1 combined with GP2.
LUT_FOR_GP34
4b
Logic setting
Desired logic to be realized on GP3 combined with GP4.
LUT_FOR_GP56
4b
Logic setting
Desired logic to be realized on GP5 combined with GP6.
LUT_FOR_GP78
4b
Logic setting
Desired logic to be realized on GP7 combined with GP8.
Example logic settings for LUT_FOR_GPxy:
0x6: GPy XOR GPx (see Figure 64).
0x7: GPy NAND GPx.
0x8: GPy AND GPx.
0xE: GPy OR GPx.
GP*_TOG*_FD
13b
0 to 8191 field
Field of activity, relative to primary and secondary counter for corresponding toggle.
GP*_TOG*_LN
13b
0 to 8191 line
Line of activity for corresponding toggle.
GP*_TOG*_PX
13b
0 to 8191 pixel
Pixel of activity for corresponding toggle.
GPO_INT_EN
1b
Off/on
When set to 1, internal signals are viewable on GPO5 to GPO8.
GPO5: OUTCONTROL.
GPO6: HBLK.
GPO7: CLPOB.
GPO8: PBLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com