Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRL2505LPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRL2505LPBF
Description  HEXFET Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL2505LPBF Datasheet(HTML) 2 Page - International Rectifier

  IRL2505LPBF Datasheet HTML 1Page - International Rectifier IRL2505LPBF Datasheet HTML 2Page - International Rectifier IRL2505LPBF Datasheet HTML 3Page - International Rectifier IRL2505LPBF Datasheet HTML 4Page - International Rectifier IRL2505LPBF Datasheet HTML 5Page - International Rectifier IRL2505LPBF Datasheet HTML 6Page - International Rectifier IRL2505LPBF Datasheet HTML 7Page - International Rectifier IRL2505LPBF Datasheet HTML 8Page - International Rectifier IRL2505LPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRL2505S/LPbF
2
www.irf.com
† Caculated continuous current based on maximum allowable
junction temperature;for recommended current-handling of the
package refer to Design Tip # 93-4
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient –––
0.035 –––
V/°C Reference to 25°C, ID = 1mA…
–––
––– 0.008
VGS = 10V, ID = 54A „
–––
––– 0.010 Ω
VGS = 5.0V, ID = 54A „
–––
––– 0.013
VGS = 4.0V, ID = 45A „
VGS(th)
Gate Threshold Voltage
1.0
––– 2.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
59
––– –––
S
VDS = 25V, ID = 54A…
–––
–––
25
VDS = 55V, VGS = 0V
–––
––– 250
VDS = 44V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
nA
VGS = 16V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -16V
Qg
Total Gate Charge
–––
––– 130
ID = 54A
Qgs
Gate-to-Source Charge
–––
–––
25
nC
VDS = 44V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
67
VGS = 5.0V, See Fig. 6 and 13 „…
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 28V
tr
Rise Time
–––
160 –––
ID = 54A
td(off)
Turn-Off Delay Time
–––
43
–––
RG = 1.3Ω, VGS = 5.0V
tf
Fall Time
–––
84–––
RD = 0.50Ω, See Fig. 10 „…
Between lead,
–––
–––
and center of die contact
Ciss
Input Capacitance
––– 5000 –––
VGS = 0V
Coss
Output Capacitance
––– 1100 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
390 –––
ƒ = 1.0MHz, See Fig. 5…
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
nH
RDS(on)
Static Drain-to-Source On-Resistance
LS
Internal Source Inductance
7.5
ns
IDSS
Drain-to-Source Leakage Current
µA
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.3
V
TJ = 25°C, IS = 54A, VGS = 0V „
trr
Reverse Recovery Time
––– 140 210
ns
TJ = 25°C, IF = 54A
Qrr
Reverse Recovery Charge
––– 650 970
nC
di/dt = 100A/µs „…
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
S
D
G
A
104
†
360
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Notes:
… Uses IRL2505 data and test conditions
** When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
ƒ ISD ≤ 54A, di/dt ≤ 230A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
‚ VDD = 25V, starting TJ = 25°C, L = 240µH
RG = 25Ω, IAS = 54A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
IGSS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com