Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADCMP602BRMZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP602BRMZ
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP602BRMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP602BRMZ Datasheet HTML 2Page - Analog Devices ADCMP602BRMZ Datasheet HTML 3Page - Analog Devices ADCMP602BRMZ Datasheet HTML 4Page - Analog Devices ADCMP602BRMZ Datasheet HTML 5Page - Analog Devices ADCMP602BRMZ Datasheet HTML 6Page - Analog Devices ADCMP602BRMZ Datasheet HTML 7Page - Analog Devices ADCMP602BRMZ Datasheet HTML 8Page - Analog Devices ADCMP602BRMZ Datasheet HTML 9Page - Analog Devices ADCMP602BRMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Supply Voltages
Input Supply Voltage (VCCI to GND)
−0.5 V to +6.0 V
−0.5 V to +6.0 V
Output Supply Voltage
(VCCO to GND)
−6.0 V to +6.0 V
Positive Supply Differential
(VCCI − VCCO)
THERMAL RESISTANCE
Input Voltages
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Input Voltage
−0.5 V to VCCI + 0.5 V
Differential Input Voltage
±(VCCI + 0.5 V)
Table 4. Thermal Resistance
Maximum Input/Output Current
±50 mA
Shutdown Control Pin
Package Type
θJA1
Unit
Applied Voltage (HYS to GND)
−0.5 V to VCCO + 0.5 V
ADCMP600 SC70 5-Lead
426
°C/W
Maximum Input/Output Current
±50 mA
Latch/Hysteresis Control Pin
Applied Voltage (HYS to GND)
−0.5 V to VCCO + 0.5 V
Maximum Input/Output Current
±50 mA
Output Current
±50 mA
Temperature
Operating Temperature, Ambient
−40°C to +125°C
Operating Temperature, Junction
150°C
Storage Temperature Range
−65°C to +150°C
ADCMP600 SOT-23 5-Lead
302
°C/W
ADCMP601 SC70 6-Lead
426
°C/W
ADCMP602 MSOP 5-Lead
130
°C/W
1 Measurement in still air.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com