Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CKSCD6B1131P Datasheet(PDF) 1 Page - Lorlin Electronics Ltd.

Part # CKSCD6B1131P
Description  CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LORLIN [Lorlin Electronics Ltd.]
Direct Link  https://lorlinelectronics.co.uk/
Logo LORLIN - Lorlin Electronics Ltd.

CKSCD6B1131P Datasheet(HTML) 1 Page - Lorlin Electronics Ltd.

  CKSCD6B1131P Datasheet HTML 1Page - Lorlin Electronics Ltd. CKSCD6B1131P Datasheet HTML 2Page - Lorlin Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CKL LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
ELECTRICAL & MECHANICAL SPECIFICATION
Switch Rating:
1A @ 24V dc
Life:
>10,000 Cycles
Proof Voltage:
1,500V ac (Initial)
Lock Housing Material:
Zinc Alloy Bright Cr Plated
Insulation Resistance:
>999 MΩ at 500V dc (Initial)
Keys Material:
Mild Steel Ni Plated
Contact Resistance
<20 mΩ (Initial)
Housing Material:
Polycarbonate
Contact/Terminal Material:
Brass CZ108 Ag Plated
Wafer Material:
Polyamide 6.6 G.F V0 Rated
Operating Temperature:
-30°C to +85°C
FEATURES
LOCK SWITCH
CKL
All contacts are non-shorting
BBM (break before make)
30°, 60° or 90° switch indexing
8-disc lock – anti-pick
Single wafer switch
Up to 4 poles per switch
Solder or PCB terminals
Gold flashed or gold
plated also available
2 keys per switch as standard
Key removeable at 30° 60° or 90°
Common or differ keys
2000 combinations
Master key system available
Two stage assembly: Lock
through front and the module
attaches by bracket from the
inside
Max panel thickness 3.0mm
CKL LOCK AND BRACKETED CK MODULE
PANEL
PIERCING
OPTIONS
ROUND
HOLE
DOUBLE
FLAT


Similar Part No. - CKSCD6B1131P

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
CKS LORLIN-CKS Datasheet
955Kb / 4P
CKS IP66/IP67 SEALED ROTARY SWITCH
logo
KITAGAWA GmbH
CKS KGS-CKS Datasheet
376Kb / 1P
Snap-mount clamp applicable for thick panles (0.5~4.1 mm)
CKS-05-H KGS-CKS-05-H Datasheet
376Kb / 1P
Snap-mount clamp applicable for thick panles (0.5~4.1 mm)
CKS-05-L KGS-CKS-05-L Datasheet
376Kb / 1P
Snap-mount clamp applicable for thick panles (0.5~4.1 mm)
CKS-07-H KGS-CKS-07-H Datasheet
376Kb / 1P
Snap-mount clamp applicable for thick panles (0.5~4.1 mm)
More results

Similar Description - CKSCD6B1131P

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1291 RFMD-RF1291 Datasheet
144Kb / 2P
SWITCH FILTER MODULE WITH
logo
List of Unclassifed Man...
CK1048 ETC1-CK1048 Datasheet
922Kb / 4P
CK ROTARY SWITCH
logo
Lorlin Electronics Ltd.
CKAAAAAA LORLIN-CKAAAAAA Datasheet
924Kb / 4P
CK ROTARY SWITCH
CKIS LORLIN-CKIS Datasheet
584Kb / 2P
CKIS IMPULSION LOCK SWITCH WITH BRACKETED CK SWITCH MODULE
CKL5 LORLIN-CKL5 Datasheet
690Kb / 2P
CKL5 LOCK SWITCH WITH SNAP ON CK SWITCH MODULE
HRL LORLIN-HRL Datasheet
761Kb / 2P
HRL LOCK SWITCH
MIS LORLIN-MIS Datasheet
301Kb / 2P
MIS IMPULSION LOCK SWITCH WITH BRACKETED MAINS SWITCH MODULE
MSL LORLIN-MSL Datasheet
330Kb / 2P
MSL LOCK SWITCH WITH BRACKETED OR SNAP ON MAINS SWITCH MODULE
RAL LORLIN-RAL Datasheet
1Mb / 4P
RAL LOCK SWITCH WITH A ROTARY SWITCH MODULE
RALM LORLIN-RALM Datasheet
825Kb / 3P
RAL LOCK SWITCH WITH A MAINSWITCH MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com