Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADCMP601BKJZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP601BKJZ
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP601BKJZ Datasheet(HTML) 3 Page - Analog Devices

  ADCMP601BKJZ Datasheet HTML 1Page - Analog Devices ADCMP601BKJZ Datasheet HTML 2Page - Analog Devices ADCMP601BKJZ Datasheet HTML 3Page - Analog Devices ADCMP601BKJZ Datasheet HTML 4Page - Analog Devices ADCMP601BKJZ Datasheet HTML 5Page - Analog Devices ADCMP601BKJZ Datasheet HTML 6Page - Analog Devices ADCMP601BKJZ Datasheet HTML 7Page - Analog Devices ADCMP601BKJZ Datasheet HTML 8Page - Analog Devices ADCMP601BKJZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADCMP600/ADCMP601/ADCMP602
Rev. 0 | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VCCI = VCCO = 2.5 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS
Voltage Range
VP, VN
VCC = 2.5 V to 5.5 V
−0.5
VCC + 0.2
V
Common-Mode Range
VCC = 2.5 V to 5.5 V
−0.2
VCC + 0.2
V
Differential Voltage
VCC = 2.5 V to 5.5 V
VCC + 0.8
V
Offset Voltage
VOS
−5.0
±2
+5.0
mV
Bias Current
IP, IN
−5.0
±2
+5.0
μA
Offset Current
−2.0
+2.0
μA
Capacitance
CP, CN
1
pF
Resistance, Differential Mode
−0.1 V to VCC
200
700
Resistance, Common Mode
−0.5 V to VCC + 0.5 V
100
350
Active Gain
AV
85
dB
VCCI = 2.5 V, VCCO = 2.5 V,
VCM = −0.2 V to +2.7 V
50
dB
Common-Mode Rejection Ratio
CMRR
VCCI = 2.5 V, VCCO = 5.5 V
50
dB
Hysteresis (ADCMP600)
2
mV
Hysteresis (ADCMP601/ADCMP602)
RHYS = ∞
0.1
mV
LATCH ENABLE PIN CHARACTERISTICS
(ADCMP601/ADCMP602 Only)
VIH
Hysteresis is shut off
2.0
VCC
V
VIL
Latch mode guaranteed
−0.2
+0.4
+0.8
V
IIH
VIH = VCC
−6
+6
μA
IOL
VIL = 0.4 V
−0.1
+0.1
mA
HYSTERESIS MODE AND TIMING
(ADCMP601/ADCMP602 Only)
Hysteresis Mode Bias Voltage
Current −1 μA
1.145
1.25
1.35
V
Resistor Value
Hysteresis = 120 mV
65
80
120
Hysteresis Current
Hysteresis = 120 mV
−18
−12
−7
μA
Latch Setup Time
tS
VOD = 50 mV
−2
ns
Latch Hold Time
tH
VOD = 50 mV
2.6
ns
Latch-to-Output Delay
tPLOH, tPLOL
VOD = 50 mV
27
ns
Latch Minimum Pulse Width
tPL
VOD = 50 mV
21
ns
SHUTDOWN PIN CHARACTERISTICS
(ADCMP602 Only)
VIH
Comparator is operating
2.0
VCCO
V
VIL
Shutdown guaranteed
−0.2
+0.4
+0.6
V
IIH
VIH = VCC
−6
6
μA
IOL
VIL = 0 V
−100
μA
Sleep Time
tSD
ICCO < 500 μA
20
ns
Wake-Up Time
tH
VOD = 100 mV, output valid
50
ns
DC OUTPUT CHARACTERISTICS
VCCO = 2.5 V to 5.5 V
Output Voltage High Level
VOH
IOH = 8 mA, VCCO = 2.5 V
VCC − 0.4
V
Output Voltage Low Level
VOL
IOL = 8 mA, VCCO = 2.5 V
0.4
V
Output Voltage High Level at −40°C
VOH
IOH = 6 mA, VCCO = 2.5 V
VCC − 0.4
V
Output Voltage Low Level at− 40°C
VOL
IOL = 6 mA, VCCO = 2.5 V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com