Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADE7169ASTZF16-RL Datasheet(PDF) 62 Page - Analog Devices

Part # ADE7169ASTZF16-RL
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTZF16-RL Datasheet(HTML) 62 Page - Analog Devices

Back Button ADE7169ASTZF16-RL Datasheet HTML 58Page - Analog Devices ADE7169ASTZF16-RL Datasheet HTML 59Page - Analog Devices ADE7169ASTZF16-RL Datasheet HTML 60Page - Analog Devices ADE7169ASTZF16-RL Datasheet HTML 61Page - Analog Devices ADE7169ASTZF16-RL Datasheet HTML 62Page - Analog Devices ADE7169ASTZF16-RL Datasheet HTML 63Page - Analog Devices ADE7169ASTZF16-RL Datasheet HTML 64Page - Analog Devices ADE7169ASTZF16-RL Datasheet HTML 65Page - Analog Devices ADE7169ASTZF16-RL Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 140 page
background image
ADE7169F16
Preliminary Technical Data
Rev. PrD | Page 62 of 140
VADIV
APPARENT POWER
+
+
VAHR[23:0]
APPARENT POWER ARE
ACCUMULATED (INTEGRATED) IN
THE APPARENT ENERGY REGISTER
23
0
48
0
48
0
%
TIME (nT)
T
APPARENT POWER
SIGNAL = P
Figure 50. ADE7169F16 Apparent Energy Calculation
Note that the apparent energy register is unsigned. By setting the
VAEHF and VAEOF bits in the Interrupt Enable Register 2 SFR
(MIRQENM, 0xDA), the ADE7169F16 can be configured to
issue an ADE interrupt to the 8052 core when the apparent
energy register is half full or when an overflow occurs. The half
full interrupt for the unsigned apparent energy register is based
on 24 bits as opposed to 23 bits for the signed active energy
register.
Integration Times under Steady Load
As mentioned in the last section, the discrete time sample
period (T) for the accumulation register is 1.22 μs (5/MCLK).
With full-scale sinusoidal signals on the analog inputs and the
VAGAIN register set to 0x000, the average word value from
apparent power stage is 0x1A36E2—see the section. The
maximum value that can be stored in the apparent energy
register before it overflows is 224 or 0xFF,FFFF. The average
word value is added to the internal register, which can store 248
or 0xFFFF,FFFF,FFFF before it overflows. Therefore, the
integration time under these conditions with VADIV = 0 is
calculated as follows:
Time =
055
xD
0
FFFF
FFFF,
xFFFF,
0
× 1.22 μs = 199 s = 3.33 min (32)
When VADIV is set to a value different from 0, the integration
time varies, as shown in Equation 33.
Time = TimeWDIV = 0 × VADIV
(33)
Apparent energy Pulse output
ADE7169F16 also provides all the circuitry to have a pulse
output those frequency is proportional to apparent power – see
Energy-to-Frequency Conversion section. This pulse frequency
output uses the calibrated signal after VAGAIN. This output can
also be used to output a pulse those frequency is proportional to
Irms.
The pulse output is active low and should be preferably
connected to an LED as shown on Figure 53.
Line Apparent Energy Accumulation
The ADE7169F16 is designed with a special apparent energy
accumulation mode, which simplifies the calibration process.
By using the on-chip zero-crossing detection, the ADE7169F16
accumulates the apparent power signal in the LVAHR register
for an integral number of half cycles, as shown in Figure 51. The
line apparent energy accumulation mode is always active.
The number of half line cycles is specified in the LINCYC
register, which is an unsigned 16-bit register. The ADE7169F16
can accumulate apparent power for up to 65535 combined half
cycles. Because the apparent power is integrated on the same
integral number of line cycles as the line active and reactive
energy register, these values can be compared easily. The
energies are calculated more accurately because of this precise
timing control and provide all the information needed for
reactive power and power factor calculation. At the end of an
energy calibration cycle, the CYCEND flag in the Interrupt
Status Register 3 SFR (MIRQSTH, 0xDE) is set. If the CYCEND
enable bit in the Interrupt Enable Register 3 SFR (MIRQENH,
0xDB) is enabled, the 8052 core has a pending ADE interrupt.
As for LWATTHR, when a new half line cycles is written in
LINECYC register, the LVAHR register is reset and a new
accumulation start at the next zero-crossing. The number of
half line cycles is then counted until LINCY is reached. This
implementation provides a valid measurement at the first
CYCEND interrupt after writing to the LINCYC register. The
line apparent energy accumulation uses the same signal path as
the apparent energy accumulation. The LSB size of these two
registers is equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com