| Electronic Components Datasheet Search |
|
ADE7169ACPZF16 Datasheet(PDF) 85 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADE7169ACPZF16 Datasheet(HTML) 85 Page - Analog Devices |
|
85 / 140 page ![]() Preliminary Technical Data ADE7169F16 Rev. PrD | Page 85 of 140 Table 67. Interrupt Flags Interrupt Source Flags Bit Address Details IE0 TCON.1 IE0 External Interrupt 0 TF0 TCON.5 TF0 Timer 0 IE1 TCON.3 IE1 External Interrupt 1 TF1 TCON.7 TF1 Timer 1 SCON.1 TI Transmit Interrupt RI + TI SCON.0 RI Receive Interrupt T2CON.7 TF2 Timer 2 overflow flag TF2 + EXF2 T2CON.6 EXF2 Timer 2 external flag ITEMP (Temperature ADC) - The Temperature ADC interrupt does not have an interrupt flag associated with it. IPSM (Power Supply) IPSMF.6 FPSM PSM interrupt flag IADE (Energy Measurement DSP) MIRQSTL.7 Read MIRQSTH, MIRQSTM, MIRQSTL. If the AUTOCLR bit in the IPSME SFR is set, each of these bytes will be reset after they are read. This is done on a per byte basis. Reading MIRQSTH reads and clears only MIRQSTH. Table 68. Status Flags Interrupt Source Flags Bit Address Details ITEMP (Temperature ADC) - The Temperature ADC interrupt does not have an status flag associated with it. SPI2CSTAT SPI Interrupt Status register ISPI/I2CI SPI2CSTAT I2C Interrupt Status register TIMECON.7 RTC Midnight flag IRTC (RTC Interval Timer) TIMECON.2 RTC Alarm flag WDT (Watchdog Timer) WDCON.2 WDS Watchdog Timeout flag A functional block diagram of the interrupt system is shown in Figure 62. Note that the PSM interrupt is the only interrupt in the highest priority level. If an external wakeup event occurs to wake the ADE7169F16 from PSM2, a pending external interrupt will be generated. When the EX0 or EX1 bits are set in the Interrupt Enable SFR (IE, 0xA8) to enable external interrupts, the program counter will be loaded with the IE0 or IE1 interrupt vector. The IE0 and IE1 interrupt flags in the TCON register will not be affected by events that occur when the 8052 MCU core is shut down during PSM2 — see the Power Supply Monitor Interrupt (PSM) section. The RTC, temperature ADC and I2C/SPI interrupts are latched such that pending interrupts cannot be cleared without entering their respective interrupt service routines. Clearing the RTC Midnight and Alarm flags will not clear a pending RTC interrupt. Similarly, clearing the I2C/SPI status bits in the SPI Interrupt Status Register SFR (SPISTAT, 0xEA) will not cancel a pending I2C/SPI interrupt. These interrupts will remain pending until the RTC or I2C/SPI interrupt vectors are enabled. Their respective interrupt service routines will be entered shortly thereafter. Figure 62 shows how the interrupts are cleared when the interrupt service routines are entered. Some interrupts with multiple interrupt sources are not automatically cleared, specifically the PSM, ADE, UART and Timer 2 interrupt vectors. Note that the INT0 and INT1 interrupts are only cleared if the external interrupt is configured to be triggered by a falling edge, by setting IT0 in the Timer/Counter 0 and 1 Control SFR (TCON, 0x88). If INT0 or INT1 is configured to interrupt on a low level, the interrupt service routine will be reentered until the respective pin goes high. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |