Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5302 Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS5302
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5302 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS5302 Datasheet HTML 5Page - ON Semiconductor CS5302 Datasheet HTML 6Page - ON Semiconductor CS5302 Datasheet HTML 7Page - ON Semiconductor CS5302 Datasheet HTML 8Page - ON Semiconductor CS5302 Datasheet HTML 9Page - ON Semiconductor CS5302 Datasheet HTML 10Page - ON Semiconductor CS5302 Datasheet HTML 11Page - ON Semiconductor CS5302 Datasheet HTML 12Page - ON Semiconductor CS5302 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CS5302
http://onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
10
20
70
30
40
50
60
ROSC Value, kΩ
Figure 3. Oscillator Frequency
900
800
700
600
500
400
300
200
100
Figure 4. VFB Bias Current vs. ROSC Value
8
Load Capacitance, nF
Figure 5. Gate(H) Rise−time vs. Load Capacitance
measured from 1.0 V to 4.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
8
Load Capacitance, nF
Figure 6. Gate(H) Fall−time vs. Load Capacitance
measured from 4.0 V to 1.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
8
Load Capacitance, nF
Figure 7. Gate(L) Rise−time vs. Load Capacitance
measured from 4.0 V to 1.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
8
Load Capacitance, nF
Figure 8. Gate(L) Fall−time vs. Load Capacitance
measured from 4.0 V to 1.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
50
ROSC Value, kΩ
0
20
15
25
10
60
70
80
20
30
40
10
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com