Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5303GDWR28 Datasheet(PDF) 15 Page - ON Semiconductor

Part # CS5303GDWR28
Description  Three?뭁hase Buck Controller with Integrated Gate Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5303GDWR28 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button CS5303GDWR28 Datasheet HTML 11Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 12Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 13Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 14Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 15Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 16Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 17Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 18Page - ON Semiconductor CS5303GDWR28 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
CS5303
http://onsemi.com
15
DVR + ConverterZ
ESR
ConverterZ +
PwrstgZ
ESR
PwrstgZ ) ESR
where:
PwrstgZ + RS
CSA Gain 3
Multiply the converterZ by the output current step
size to calculate where the output voltage should
recover to within the first switching cycle after a
transient. If the ConverterZ is higher than the value
required to recover to where the adaptive positioning
is set the remainder of the recovery will be controlled
by the error amp compensation and will typically
recover in 10 − 20 μs.
DVR + DIOUT
ConverterZ
Make sure that ΔVR is less than the expected peak
transient for a good transient response.
5. Adjust L and RL or RS as required to meet the best
combination of transient response, steady state output
voltage ripple and pulse width jitter.
Current Limit
When the sum of the Current Sense amplifiers (VITOTAL)
exceeds the voltage on the ILIM pin the part will enter hiccup
mode. For inductive sensing the ILIM pin voltage should be
set based on the inductor resistance (or current sense
resistor) at max temperature and max current. To set the level
of the ILIM pin:
6. VI(LIM) + R IOUT(LIM) CS to ILIM Gain
where:
R is RL or RS;
IOUT(LIM) is the current limit threshold.
For the overcurrent to work properly the inductor
time constant (L/R) should be ≤ the Current sense RC.
If the RC is too fast, during step loads the current
waveform will appear larger than it is (typically for a
few hundred μs) and may trip the current limit at a
level lower than the DC limit.
Adaptive Positioning
7. To set the amount of voltage positioning below the
DAC setting at no load connect a resistor (RV(FB))
between the output voltage and the VFB pin. Choose
RV(FB) as:
RV(FB) + NL Position VFB Bias Current
See Figure 4 for VFB Bias Current.
8. To set the difference in output voltage between no
load and full load, connect a resistor (RV(DRP))
between the VDRP and VFB pins. RV(DRP) can be
calculated in two steps. First calculate the difference
between the VDRP and VFB pin at full load. (The VFB
voltage should be the same as the DAC voltage during
closed loop operation.) Then choose the RV(DRP) to
source enough current across RV(FB) for the desired
change in output voltage.
DVV(DRP) + IOUTFL
R
CS to VDRP Gain
where:
R = RL or RS for one phase;
IOUTFL is the full load output current.
RV(DRP) + DVDRP
RV(FB) DVOUT
DESIGN EXAMPLE
Choose the component values for lossless current sensing,
adaptive positioning and current limit for a 60 A converter.
The adaptive positioning is chosen 50 mV below the
maximum VOUT at no load and 50 mV below the no−load
position with 60 A out. The peak output voltage transient is
100 mV max during a 60 A step current. The overcurrent
limit is nominally 75 A.
Current Sensing, Power Stage and
Output Filter Components
1. Assume 1.5 mΩ of output filter ESR.
R
+ (VIN * VOUT)
(VOUT VIN) (F
C
25 mV)
+ (12 * 1.5)
(1.5 12) (250 k
.01 mF
25 mV)
+ 21 kW å Choose 20 kW
L RL + .01 mF
20 kW + 200 ms
Choose RL + 2mW
L + 2mW
200 ms + 400 nH
2.
3. n/a
PwrstgZ + RL
CSA Gain 3
+ 1.5 mW
4.2 3 + 2.1 mW
ConverterZ +
PwrstgZ
ESR
PwrstgZ ) ESR
+ 2.8 mW
1.5 mW
2.8 mW ) 1.5 mW
^ 1mW
DVR + 1.2 mW
60 A + 60 mV
4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com