Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BR101 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BR101
Description  Silicon controlled switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BR101 Datasheet(HTML) 5 Page - NXP Semiconductors

  BR101 Datasheet HTML 1Page - NXP Semiconductors BR101 Datasheet HTML 2Page - NXP Semiconductors BR101 Datasheet HTML 3Page - NXP Semiconductors BR101 Datasheet HTML 4Page - NXP Semiconductors BR101 Datasheet HTML 5Page - NXP Semiconductors BR101 Datasheet HTML 6Page - NXP Semiconductors BR101 Datasheet HTML 7Page - NXP Semiconductors BR101 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
1997 Jul 24
5
Philips Semiconductors
Product specification
Silicon controlled switch
BR101
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
NPN transistor
ICER
collector cut-off current
VCE =50V; RBE =10kΩ−
500
nA
VCE =50V; RBE =10kΩ; Tj = 150 °C −−
50
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V; Tj = 150 °C
−−
50
µA
VCEsat
collector-emitter saturation voltage IC = 10 mA; IB =1mA
−−
500
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB =1mA
−−
900
mV
hFE
DC current gain
IC = 10 mA; VCE =2V
50
−−
fT
transition frequency
IC = 10 mA; VCE =2V
300
MHz
Cc
collector capacitance
IE =ie = 0; VCB = 20 V; f = 1 MHz
−−
5pF
Ce
emitter capacitance
IC =ic = 0; VEB =1V
−−
25
pF
PNP transistor
ICEO
collector cut-off current
IB = 0; VCE = −50 V; Tj = 150 °C
−−−50
µA
IEBO
emitter cut-off current
IC = 0; VEB = −50 V; Tj = 150 °C
−−−50
µA
hFE
DC current gain
IE = 1 mA; VCB = 0 V
0.25
2.5
Combined device
VAK
forward on-state voltage
RKG-K =10kΩ
IA = 50 mA; IAG =0
−−
1.4
V
IA = 1 mA; IAG =10mA
−−
1.2
V
IH
holding current
RKG-K =10kΩ;IAG =10mA;
VBB = −2V
−−
1mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com