Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5422GD16 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS5422GD16
Description  Dual Out?뭥f?뭁hase Synchronous Buck Controller with Current Limit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5422GD16 Datasheet(HTML) 3 Page - ON Semiconductor

  CS5422GD16 Datasheet HTML 1Page - ON Semiconductor CS5422GD16 Datasheet HTML 2Page - ON Semiconductor CS5422GD16 Datasheet HTML 3Page - ON Semiconductor CS5422GD16 Datasheet HTML 4Page - ON Semiconductor CS5422GD16 Datasheet HTML 5Page - ON Semiconductor CS5422GD16 Datasheet HTML 6Page - ON Semiconductor CS5422GD16 Datasheet HTML 7Page - ON Semiconductor CS5422GD16 Datasheet HTML 8Page - ON Semiconductor CS5422GD16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
CS5422
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS*
Rating
Value
Unit
Operating Junction Temperature, TJ
150
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD Susceptibility (Human Body Model)
2.0
kV
Package Thermal Resistance, SO−16:
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
28
115
°C/W
°C/W
Package Thermal Resistance, SO−24L:
Junction−to−Case, RθJC
Junction−to−Ambient, RθJA
9.0
55
°C/W
°C/W
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
1. 60 second maximum above 183°C.
*The maximum package power dissipation must be observed.
ABSOLUTE MAXIMUM RATINGS
Pin Symbol
Pin Name
VMAX
VMIN
ISOURCE
ISINK
VCC
IC Power Input
16 V
−0.3 V
N/A
1.5 A peak
200 mA DC
COMP1, COMP2
Compensation Capacitor for
Channel 1 or 2
4.0 V
−0.3 V
1.0 mA
1.0 mA
VFB1, VFB2
Voltage Feedback Input for
Channel 1 or 2
5.0 V
−0.3 V
1.0 mA
1.0 mA
BST
Power Input for GATE(H)1, 2
20 V
−0.3 V
N/A
1.5 A peak
200 mA DC
ROSC
Oscillator Resistor
4.0 V
−0.3 V
1.0 mA
1.0 mA
GATE(H)1, GATE(H)2
High−Side FET Driver
for Channel 1 or 2
20 V
−0.3 V
1.5 A peak
200 mA DC
1.5 A peak
200 mA DC
GATE(L)1, GATE(L)2
Low−Side FET Driver for
Channel 1 or 2
16 V
−0.3 V
1.5 A peak
200 mA DC
1.5 A peak
200 mA DC
GND
Ground
0 V
0 V
1.5 A peak
200 mA DC
N/A
IS+1, IS+2
Positive Current Sense for
Channel 1 or 2
6.0 V
−0.3 V
1.0 mA
1.0 mA
IS−1, IS−2
Negative Current Sense for
Channel 1 or 2
6.0 V
−0.3 V
1.0 mA
1.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com