Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICSSSTUAF32866B Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICSSSTUAF32866B
Description  25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUAF32866B Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICSSSTUAF32866B Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 14Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 17Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 18Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 19Page - Renesas Technology Corp ICSSSTUAF32866B Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
ICSSSTUAF32866B
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
COMMERCIAL TEMPERATURE GRADE
25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
16
ICSSSTUAF32866B
7096/13
Output Buffer Characteristics
Output edge rates over recommended operating free-air temperature range
Parameter
VDD = 1.8V ± 0.1V
Units
Min.
Max.
dV/dt_r
1
4
V/ns
dV/dt_f
1
4
V/ns
dV/dt_
∆1
1
Difference between dV/dt_r (rising edge rate) and dV/dt_f (falling edge rate).
1V/ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com