Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICSSSTUB32871A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICSSSTUB32871A
Description  27-Bit Registered Buffer for DDR2
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUB32871A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICSSSTUB32871A Datasheet HTML 9Page - Renesas Technology Corp ICSSSTUB32871A Datasheet HTML 10Page - Renesas Technology Corp ICSSSTUB32871A Datasheet HTML 11Page - Renesas Technology Corp ICSSSTUB32871A Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUB32871A Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUB32871A Datasheet HTML 14Page - Renesas Technology Corp ICSSSTUB32871A Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUB32871A Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUB32871A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
1186G—04/16/07
ICSSSTUB32871A
Notes: 1. CL incluces probe and jig capacitance.
2. IDD tested with clock and data inputs held at VDD or GND, and Io = 0mA.
3. All input pulses are supplied by generators having the following chareacteristics: PRR
≤10 MHz,
Zo=50
Ω, input slew rate = 1 V/ns ±20% (unless otherwise specified).
4. The outputs are measured one at a time with one transition per measurement.
5. VREF = VDD/2
6. VIH = VREF + 250 mV (ac voltage levels) for differential inputs. VIH = VDD for LVCMOS input.
7. VIL = VREF - 250 mV (ac voltage levels) for differential inputs. VIL = GND for LVCMOS input.
8. VID = 600 mV
9. tPLH and tPHL are the same as tPDM.
RL = 1000Ω
CL = 30 pF
(see Note 1)
LOAD CIRCUIT
tw
VICR
VICR
Inpu t
VIH
VIL
VOLTAGE WAVEFORMS – PULSE DURATION
VREF
VREF
Inpu t
tsu
th
VID
VICR
VOLTAGE WAVEFORMS – SETUP AND HOLD TIMES
VICR
VID
VICR
Output
VOL
VOH
VTT
VTT
tPHL
tPLH
VOLTAGE WAVEFORMS – PROPAGATION DELAY TIMES
tRPHL
VOL
VOH
VIL
VIH
Output
VOLTAGE WAVEFORMS – PROPAGATION DELAY TIMES
VDD/2
VTT
tact
tinact
LVCMOS
Input
RST
VOLTAGE AND CURRENT WAVEFORMS
IDD
(see
Note 2)
90%
10%
INPUTS ACTIVE AND INACTIVE TIMES
0 V
VDD
Test Point
VDD/2
VDD/2
VCMOS
Inp ut
RST
TL=350ps, 50
Ω
DUT
CK
Out
TL=50
Ω
CK Inputs
VID
CK
CK
CK
CK
RL = 100Ω
CK
Test Point
Test Point
RL = 1000Ω
VDD
Figure 6
Parameter Measurement Information (V
= 1.8V 0.1V)
—
DD
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com