Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICSSSTUB32S868DH Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICSSSTUB32S868DH
Description  28-Bit Configurable Registered Buffer for DDR2
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICSSSTUB32S868DH Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICSSSTUB32S868DH Datasheet HTML 12Page - Renesas Technology Corp ICSSSTUB32S868DH Datasheet HTML 13Page - Renesas Technology Corp ICSSSTUB32S868DH Datasheet HTML 14Page - Renesas Technology Corp ICSSSTUB32S868DH Datasheet HTML 15Page - Renesas Technology Corp ICSSSTUB32S868DH Datasheet HTML 16Page - Renesas Technology Corp ICSSSTUB32S868DH Datasheet HTML 17Page - Renesas Technology Corp ICSSSTUB32S868DH Datasheet HTML 18Page - Renesas Technology Corp ICSSSTUB32S868DH Datasheet HTML 19Page - Renesas Technology Corp ICSSSTUB32S868DH Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
ICSSSTUB32S868D
Advance Information
08/14/06
Switching Characteristics
(over recommended operating free-air temperature range, unless otherwise noted)
Symbol
Parameter
Measurement
Conditions
MIN
MAX
Units
fmax
Max input clock frequency
410
MHz
tPDM
Propagation delay, single
bit switching
CK
↑ to CK#↓ Qn
1.2
1.9
ns
tLH
Low to High propagation
delay
CK
↑ to CK#↓ to QERR#
1.2
3
ns
tHL
High to low propagation
delay
CK
↑ to CK#↓ to QERR#
1
2.4
ns
tPDMSS
Propagation delay
simultaneous switching
CK
↑ to CK#↓ Qn
2
ns
tPHL
High to low propagation
delay
Reset#
↓ to Qn↓
3ns
tPLH
Low to High propagation
delay
Reset#
↓ to QERR#↑
3ns
1. Guaranteed by design, not 100% tested in production.
(over recommended operating free-air temperature range, unless otherwise noted)
Timing Requirements
NOTE 1
This parameter is not necessarily production tested.
NOTE 2
VREF must be held at a valid input voltage level and data inputs must be held low for a minimum time of
tACT (max) after RESET# is taken high.
NOTE 3
VREF, Data and clock inputs must be held at valid voltage levels (not floating) a minimum time of tINACT
(max) after RESET# is taken low.
Symbol
Parameter
Min
Max
Unit
fclock
Clock frequency
-
410
MHz
tW
Pulse duration, CK, CK# HIGH or LOW
1-
ns
tACT
Differential inputs active time (See Notes 1 and 2)
-10
ns
tINACT Differential inputs inactive time (See Notes 1 and 3)
-15
ns
tSU
Setup time
DCS before CK , CK# , CSR# high;
CSR# before CK , CK# , DCS# high
0.7
-
ns
Setup time
DCS# before CK , CK# , CSR# low
0.5
-
ns
Setup time
DODT, DCKE and data before CK , CK
#
0.5
-
ns
Setup time
PAR_IN before CK , CK#
0.5
-
ns
tH
Hold time
DCS#, DODT, DCKE and data after CK , CK
#
0.
6
-
ns
Hold time
PAR_IN after CK , CK#
0.5
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com