Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R2A20104SP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2A20104SP
Description  Continuous Conduction Mode Interleaving PFC Control IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20104SP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2A20104SP Datasheet HTML 1Page - Renesas Technology Corp R2A20104SP Datasheet HTML 2Page - Renesas Technology Corp R2A20104SP Datasheet HTML 3Page - Renesas Technology Corp R2A20104SP Datasheet HTML 4Page - Renesas Technology Corp R2A20104SP Datasheet HTML 5Page - Renesas Technology Corp R2A20104SP Datasheet HTML 6Page - Renesas Technology Corp R2A20104SP Datasheet HTML 7Page - Renesas Technology Corp R2A20104SP Datasheet HTML 8Page - Renesas Technology Corp R2A20104SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
R2A20104/114 Series
R03DS0008EJ0301 Rev.3.01
Page 3 of 11
Jan 08, 2016
Pin Arrangement of R2A20104FP and R2A20114FP
N.C.
VCC
CS1
N.C.
CSO2
CSO1
E-DELAY
N.C.
VREF
AGND
FMR
BO
CS2
VAC
PD
N.C.
FMC
N.C.
N.C.
IRAMP
1
10
9
8
7
6
5
4
3
2
30
21
22
23
24
25
26
27
28
29
(Top view)
Pin Functions of R2A20104FP and R2A20114FP
Pin No.
Pin Name
Input/Output
Function
1
FMR
Input
Frequency modulation setting resistor connecting terminal
2
FMC
Input
Frequency modulation setting capacitor connecting terminal
3
VREF
Output
Reference voltage output terminal
4
BO
Input
Brownout input terminal
5
VAC
Input
AC voltage input terminal
6
PD
Input
Phase drop input terminal
7
AGND
—
Analog ground
8
E-DELAY
Input
Delay of the Error signal setting terminal
9, 10
N.C.
—
Open
11
ERROR
Output
Error output terminal
12
OFF
Input
Shutdown terminal (VCC Reset)
13
RS
Input
Current correction setting resistor connecting terminal
14
SS
Input
Soft start setting capacitor connecting terminal
15
COMP
Output
Error amplifier output terminal (to be phase-compensated)
16
N.C.
—
Open
17
FB
Input
Error amplifier input terminal (feedback voltage input terminal)
18
QVP2
Input
OVP2 input terminal
19-21
N.C.
—
Open
22
IRAMP
Input
Ramp waveform setting resistor connecting terminal
23
CSO2
Output
Current sense amplifier 2 output terminal (to be phase-compensated)
24
CSO1
Output
Current sense amplifier 1 output terminal (to be phase-compensated)
25
CS2
Input
Current sense 2 input terminal
26
CS1
Input
Current sense 1 input terminal
27
N.C.
—
Open
28
VCC
Input
Supply voltage terminal
29-31
N.C.
—
Open
32
GD2
Output
Converter 2 Power MOSFET drive terminal
33
PGND
—
Power ground
34
GD1
Output
Converter 1 Power MOSFET drive terminal
35
N.C.
—
Open
36
SYNC-O
Output
Synchronization signal output terminal
37
RT/SYNC
Input
Frequency setting resistor connecting terminal / Sync. Signal input terminal
38
CT
Input
Frequency setting capacitor connecting terminal
39, 40
N.C.
—
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com