Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MDC3105LT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MDC3105LT1G
Description  Integrated Relay, Inductive Load Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MDC3105LT1G Datasheet(HTML) 5 Page - ON Semiconductor

  MDC3105LT1G Datasheet HTML 1Page - ON Semiconductor MDC3105LT1G Datasheet HTML 2Page - ON Semiconductor MDC3105LT1G Datasheet HTML 3Page - ON Semiconductor MDC3105LT1G Datasheet HTML 4Page - ON Semiconductor MDC3105LT1G Datasheet HTML 5Page - ON Semiconductor MDC3105LT1G Datasheet HTML 6Page - ON Semiconductor MDC3105LT1G Datasheet HTML 7Page - ON Semiconductor MDC3105LT1G Datasheet HTML 8Page - ON Semiconductor MDC3105LT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MDC3105
http://onsemi.com
5
−55
−35
25
85
TJ, JUNCTION TEMPERATURE (°C)
10,000 k
100 k
1000 k
10 k
100
10
1.0 k
1.0
−15
5.0
65
45
VCC = 5.5 Vdc
Vin = 0.5 Vdc
Vin = 0.35 Vdc
Vin = 0 Vdc
TYPICAL PERFORMANCE CHARACTERISTICS
(OFF CHARACTERISTICS)
Figure 8. Output Leakage Current versus
Temperature
Figure 9. Output Leakage Current versus
Supply Voltage
0
1.0
2.0
3.0
VCC, SUPPLY VOLTAGE (Vdc)
100
10
1.0
0
Figure 10. Safe Operating Area for MDC3105LT1
0.1
Vout (VOLTS)
0.1
0.01
4.0
5.0
6.0
7.0
10 k
1.0 k
100 k
1.0
10
1.0
TJ = 25°C
Vin = 0.5 Vdc
Vin = 0.35 Vdc
Vin = 0 Vdc
RCE(sat)
VCC(max) = +6.0 Vdc
TYPICAL
IZ vs VZ
Iout(max) = 500 mA
*24 ms
*34 ms
*90 ms
*232 ms
*375 ms
°CONTINUOUS DUTY
°PW = 7.0 ms
DC = 5%
°PW = 10 ms
DC = 20%
°PW = 0.1 s
DC = 50%
TA = 25°C
° = TRANSISTOR PC THERMAL LIMIT
* = MAX L/R FROM ZENER PULSED ENERGY LIMIT
(REFER TO FIGURE 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com