Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC161PW Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # 74LVC161PW
Description  Presettable synchronous 4-bit binary counter; asynchronous reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC161PW Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74LVC161PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC161PW Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Nexperia
74LVC161
Presettable synchronous 4-bit binary counter; asynchronous reset
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ [1] Max
Min
Max
Unit
MR to Qn; see Fig. 11
VCC = 1.2 V
-
17
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
6.2
12.7
1.5
14.6
ns
VCC = 2.3 V to 2.7 V
1.9
3.6
7.1
1.9
8.3
ns
VCC = 2.7 V
1.5
3.9
7.1
1.5
9.0
ns
VCC = 3.0 V to 3.6 V
1.5
3.2
6.4
1.5
8.0
ns
MR to TC; see Fig. 11
VCC = 1.2 V
-
18
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.7
8.3
15.9
1.7
18.4
ns
VCC = 2.3 V to 2.7 V
2.7
4.8
8.9
2.7
10.3
ns
VCC = 2.7 V
1.5
4.9
8.6
1.5
11.0
ns
tPHL
HIGH to LOW
propagation delay
VCC = 3.0 V to 3.6 V
1.5
4.3
8.0
1.5
10.0
ns
clock HIGH or LOW; see Fig. 9
VCC = 1.65 V to 1.95 V
6.0
-
-
6.0
-
ns
VCC = 2.3 V to 2.7 V
5.0
-
-
5.0
-
ns
VCC = 2.7 V
5.0
-
-
5.0
-
ns
VCC = 3.0 V to 3.6 V
4.0
1.2
-
4.0
-
ns
MR LOW; see Fig. 11
VCC = 1.65 V to 1.95 V
5.0
-
-
5.0
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
4.0
-
-
4.0
-
ns
tW
pulse width
VCC = 3.0 V to 3.6 V
3.0
1.6
-
3.0
-
ns
MR to CP; see Fig. 11
VCC = 1.65 V to 1.95 V
1.0
-
-
1.0
-
ns
VCC = 2.3 V to 2.7 V
1.0
-
-
1.0
-
ns
VCC = 2.7 V
0.0
-
-
0.0
-
ns
trec
recovery time
VCC = 3.0 V to 3.6 V
0.5
0.0
-
0.5
-
ns
Dn to CP; see Fig. 12
VCC = 1.65 V to 1.95 V
5.0
-
-
5.0
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
3.0
-
-
3.0
-
ns
VCC = 3.0 V to 3.6 V
2.5
1.0
-
2.5
-
ns
PE to CP; see Fig. 12
VCC = 1.65 V to 1.95 V
4.5
-
-
4.5
-
ns
VCC = 2.3 V to 2.7 V
4.0
-
-
4.0
-
ns
VCC = 2.7 V
3.5
-
-
3.5
-
ns
VCC = 3.0 V to 3.6 V
3.0
1.2
-
3.0
-
ns
CEP, CET to CP; see Fig. 13
VCC = 1.65 V to 1.95 V
8.0
-
-
8.0
-
ns
VCC = 2.3 V to 2.7 V
6.0
-
-
6.0
-
ns
VCC = 2.7 V
5.5
-
-
5.5
-
ns
tsu
set-up time
VCC = 3.0 V to 3.6 V
5.0
2.1
-
5.0
-
ns
74LVC161
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 22 September 2021
9 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com