Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

836141012 Datasheet(PDF) 1 Page - Ulti-Mate Connector Inc

Part # 836141012
Description  MICRO-D CIRCUIT CONNECTOR, CM18R25P02-S01
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULTI-MATE [Ulti-Mate Connector Inc]
Direct Link  https://www.ultimateconnector.com/
Logo ULTI-MATE - Ulti-Mate Connector Inc

836141012 Datasheet(HTML) 1 Page - Ulti-Mate Connector Inc

  836141012 Datasheet HTML 1Page - Ulti-Mate Connector Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.185 MAX.
.965
.308
MAX.
PIN 1
PIN 25
.785
.093
.410
MAX.
.138 MAX.
.075 TYP.
.025 TYP.
.050 TYP.
.075 TYP.
.100 TYP.
2-56 JACKSCREW
.109 .015
.230
.020
2
POSITION 25
POSITION 1
.025 TYP.
.050 TYP.
.075 TYP.
.100 TYP.
.075 TYP.
2
4
6
8
10
12
1
3
5
7
9
11
13
15
17
19
21
23
25
14
16
18
20
22
24
CL
CL
-
1 of 1
836141012
SD-836141012.SLDDRW
DU 11/16/15
3 : 1
NONE
MICRO-D CIRCUIT CONNECTOR,
CM18R25P02-S01
SD-836141012
3
SD-836141012
-
-
11/16/15
UMI5802
DW
DW
DW 11/16/15
DW 11/16/15
2
3
NOTES: UNLESS OTHERWISE SPECIFIED.
4. PERFORMANCE SPECIFICATIONS:
CURRENT RATING: 3 AMPS MAX.
INSULATION RESISTANCE: 5000 MEGOHMS MIN.
DWV: 600 VAC
TEMPERATURE RATING: 125 C
MATERIALS:
SHELL: 6061-T6 ALUMINUM PER AMS-QQ-A200/8, NICKEL PLATED PER AMS-2404
INSULATOR/BACKSHELL: PPS PER MIL-M-24519 GST-40F, COLOR: BLACK
PIN CONTACT: C17200 BERYLLIUM COPPER PER ASTM B194, GOLD PLATED PER ASTM B488
24 AWG LEADS: TIN PLATED COPPER ALLOY PER A-A-59551, TYPE S
HARDWARE: PASSIVATED STAINLESS STEEL IAW MIL-DTL-83513/5
MARKING: "UMI", DATE CODE, UMI PART NUMBER
1. CONNECTOR ASSEMBLY IS IAW MIL-DTL-83513 UNLESS OTHERWISE SPECIFIED.
2
TYP.
(24 AWG)
TYP.
LOW-PROFILE
ALLEN HEAD
2X
CL
CL
24
22
20
18
16
14
25
23
21
19
17
15
13
11
9
7
5
3
1
12
10
8
6
4
2
NUMBERS, (LEAD LOCATIONS), ARE SHOWN FOR
REFERENCE ONLY AND DO NOT APPEAR ON ACTUAL PART.
5
5
RECOMMENDED PCB LAY-OUT
PCB VIEW
ENG PROJECT #:
NO SYMBOLS
= MINOR
DIMENSIONS
REL BY
APPVD BY
ECN NO.
DATE
DWG
ISSUE
PART
REV
C
CRITICAL
MAJOR
QUALITY
SYMBOLS
ANGULAR 2
2 PLACES .01
3 PLACES .005
GENERAL TOLERANCES:
58967
ULTI-MATE CAGE CODE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO ULTI-MATE
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION.
PART REV.
SHEET NO.
DRAWING NO.
MATERIAL:
TITLE:
CAD FILE NAME
APPROVED BY & DATE
CHECKED BY & DATE
DRAWN BY & DATE
UNLESS OTHERWISE SPECIFIED:
ALL DIMENSIONS ARE IN INCHES
B
SCALE
DWG SIZE
PART NO.
THIRD ANGLE
PROJECTION
REVISE ON CAD ONLY
2
3
4
5
6
7
8
9
10
F
E
D
C
B
A


Similar Part No. - 836141012

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
836141117 ULTI-MATE-836141117 Datasheet
100Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM1R25P07-S01, .109 LEADS, NICKEL PLATED
9/14/15
836141417 ULTI-MATE-836141417 Datasheet
84Kb / 2P
CIRCUIT CONNECTOR, PLUG (PINS), STYLE 4, (.100 X .100) SIZES 9 THRU 37, CM4RXXP07-S01
11-7-11
836141419 ULTI-MATE-836141419 Datasheet
99Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM4R25P0T-S01
2/21/18
836141518 ULTI-MATE-836141518 Datasheet
97Kb / 1P
MICRO-D CIRCUIT CONNECTOR, PLUG, STYLE 5, SIZE 25 CM5R25P07T-S01
7-24-13
836141617 ULTI-MATE-836141617 Datasheet
174Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM6R25P07-S01
7/9/22
More results

Similar Description - 836141012

ManufacturerPart #DatasheetDescription
logo
Ulti-Mate Connector Inc
SD-836141419 ULTI-MATE-SD-836141419 Datasheet
99Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM4R25P0T-S01
2/21/18
SD-836141617 ULTI-MATE-SD-836141617 Datasheet
174Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM6R25P07-S01
7/9/22
SD-836151012 ULTI-MATE-SD-836151012 Datasheet
170Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM18R31P02-S01
7/20/16
SD-836161617 ULTI-MATE-SD-836161617 Datasheet
133Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM6R37P07-S01,
9/2/14
SD-836161817 ULTI-MATE-SD-836161817 Datasheet
93Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM8R37P07-S01
08/16/2021
SD-836221417 ULTI-MATE-SD-836221417 Datasheet
157Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM4R15S07-S01
1/2/20
SD-836231618 ULTI-MATE-SD-836231618 Datasheet
152Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM6R21S07T-S01
7/23/19
SD-836241717 ULTI-MATE-SD-836241717 Datasheet
175Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM16R25S07-S01
9/16/20
SD-836251712 ULTI-MATE-SD-836251712 Datasheet
137Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM16R31S02-S01
12/14/15
SD-836281617 ULTI-MATE-SD-836281617 Datasheet
209Kb / 1P
MICRO-D CIRCUIT CONNECTOR, CM6R100S17-S01
10/6/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com