Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NB2304AC1DG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB2304AC1DG
Description  3.3 V Zero Delay Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB2304AC1DG Datasheet(HTML) 5 Page - ON Semiconductor

  NB2304AC1DG Datasheet HTML 1Page - ON Semiconductor NB2304AC1DG Datasheet HTML 2Page - ON Semiconductor NB2304AC1DG Datasheet HTML 3Page - ON Semiconductor NB2304AC1DG Datasheet HTML 4Page - ON Semiconductor NB2304AC1DG Datasheet HTML 5Page - ON Semiconductor NB2304AC1DG Datasheet HTML 6Page - ON Semiconductor NB2304AC1DG Datasheet HTML 7Page - ON Semiconductor NB2304AC1DG Datasheet HTML 8Page - ON Semiconductor NB2304AC1DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NB2304A
http://onsemi.com
5
Table 7. ELECTRICAL CHARACTERISTICS FOR INDUSTRIAL TEMPERATURE DEVICES
Parameter
Description
Test Conditions
Min
Max
Unit
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
IIL
Input LOW Current
VIN = 0 V
50.0
mA
IIH
Input HIGH Current
VIN = VDD
100.0
mA
VOL
Output LOW Voltage
IOL = 8 mA (−1, −2)
IOL = 12 mA (−1H)
0.4
V
VOH
Output HIGH Voltage
IOH = −8 mA (−1, −2)
IOH = −12 mA (−1H)
2.4
V
IDD
Supply Current
Unloaded outputs 100 MHz REF
Select inputs at VDD or GND
45
mA
Unloaded outputs, 66 MHz REF (−1, −2)
35
Unloaded outputs, 33 MHz REF (−1, −2)
20



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com