Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MK53761 Datasheet(PDF) 7 Page - STMicroelectronics

Part # MK53761
Description  REPERTORY DIALER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK53761 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MK53761 Datasheet HTML 3Page - STMicroelectronics MK53761 Datasheet HTML 4Page - STMicroelectronics MK53761 Datasheet HTML 5Page - STMicroelectronics MK53761 Datasheet HTML 6Page - STMicroelectronics MK53761 Datasheet HTML 7Page - STMicroelectronics MK53761 Datasheet HTML 8Page - STMicroelectronics MK53761 Datasheet HTML 9Page - STMicroelectronics MK53761 Datasheet HTML 10Page - STMicroelectronics MK53761 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
ABSOLUTE MAXIMUM RATINGS*
Parameter
Value
Unit
DC Supply Voltage
6.5
V
Operating Temperature
– 20 to +60
°C
Storage Temperature
– 55 to + 125
°C
Maximum Power Dissipation (25
°C)
500
mW
Maximum Voltage on any Pin
(V
+)+.3 ; (V–) – .3
V
* All speci ficati ons are for 2.5 V olt operation and f ull oper ating temperature r ange unless otherwi se stat ed.
DC CHARACTERISTICS
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
V+
TONE
DC Operating Voltage
(tone mode)
2.5
6.0
V
VMR
Memory Retention Voltage
1.5
V
1. 6
IS
Standby Current
0.4
1.0
µA1
IMR
Memory Retention Current
0.15
0.75
µA5. 6
VMUTE
Mute Output Operating Voltage
1.8
V
7
IT
Operating Current (tone)
300
600
µA2
IP
Operating Current (pulse)
150
250
µA2
Operating Current On-hook Program Mode
Key Operated
No-key Operated
200
1
µA
µA
IML
Mute Output (2.5 Volts)
Sink Current (4.0 Volts)
1.0
3.0
mA
mA
3
IPL
Pulse Output Sink Current
1.0
2.0
mA
3
IPC
Pacifier Tone Sink/Source
250
500
µA4
KRU
Keypad Pullup Resistance
100
k
Ω
KRD
Keypad Pulldown Resistance
500
Ω
VIL
Keypad Input Level-low
0
0.3 V
+
V
VIH
Keypad Input Level-high
0.7 V
+
V+
V
VPULSE
Operating Voltage (pulse mode)
1.8
6.0
V
Notes : 1. All inputs unloaded. Quiescent mode (oscillator off).
2. All outputs unloaded, single key input.
3. VOUT = 0.4 Volts.
4. Sink current for VOUT = 0.5 Volts, Source Current for VOUT = 2.0 Volts.
5. Memory Retention Voltage is the point where memory is guaranteed but circuit operation is not.
6. Proper memory retention is guaranteed if either the minimum IMR is provided or the minimum VMR. The design does not have to provide
both the minimum current or voltage simultaneously.
7. Minimum voltage where activation of mute output with key entry is ensured.
ELECTRICAL CHARACTERISTICS (Tamb =25
°C unless otherwise specified)
Table 3 : Special Function Delays.
Function
First/Auto
Pulse
Tone
SOFTS WITCH
FIRST
AUTO
0.40
1.10
Each delay shown below represents the time required from after the special function key is depressed until
a new digit can be dialed.
The time is considered ”FIRST” key is all previous inputs have been completed dialed. The time is considered
”AUTO” if in redial, or previous dialing is still in progress.
MK53761
7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com