Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP1711AUJZ-1.3-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1711AUJZ-1.3-R7
Description  150 mA, Low Dropout, CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1711AUJZ-1.3-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1711AUJZ-1.3-R7 Datasheet HTML 3Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 4Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 5Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 6Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 7Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 8Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 9Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 10Page - Analog Devices ADP1711AUJZ-1.3-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADP1710/ADP1711
Rev. 0 | Page 7 of 16
180
0
0.1
1000
ILOAD (mA)
1
10
100
160
140
120
100
80
60
40
20
Figure 13. Dropout Voltage vs. Load Current
3.35
2.95
3.2
3.6
VIN (V)
3.30
3.25
3.20
3.15
3.10
3.05
3.00
3.3
3.4
3.5
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
Figure 14. Output Voltage vs. Input Voltage (in Dropout)
7
0
3.20
3.60
VIN (V)
6
5
4
3
2
1
3.25
3.30
3.35
3.40
3.45
3.50
3.55
ILOAD =
100µA
ILOAD =
1mA
ILOAD =
10mA
ILOAD = 150mA
ILOAD = 100mA
ILOAD =
50mA
Figure 15. Ground Current vs. Input Voltage (In Dropout)
0
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
–10
–20
–30
–40
–50
–60
–70
–80
–90
VRIPPLE = 50mV
VIN = 5V
VOUT = 0.75V
COUT = 1µF
ILOAD = 50mA
ILOAD =
10mA
ILOAD = 100µA
Figure 16. ADP1711 Power Supply Rejection Ratio vs. Frequency
(10 nF Bypass Capacitor)
0
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
–10
–20
–30
–40
–50
–60
–70
–80
–90
VRIPPLE = 50mV
VIN = 5V
VOUT = 3.3V
COUT = 1µF
ILOAD = 100µA
ILOAD = 50mA
ILOAD = 10mA
Figure 17. ADP1710 Power Supply Rejection Ratio vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com