Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP1711AUJZ-1.8-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1711AUJZ-1.8-R7
Description  150 mA, Low Dropout, CMOS Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1711AUJZ-1.8-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1711AUJZ-1.8-R7 Datasheet HTML 2Page - Analog Devices ADP1711AUJZ-1.8-R7 Datasheet HTML 3Page - Analog Devices ADP1711AUJZ-1.8-R7 Datasheet HTML 4Page - Analog Devices ADP1711AUJZ-1.8-R7 Datasheet HTML 5Page - Analog Devices ADP1711AUJZ-1.8-R7 Datasheet HTML 6Page - Analog Devices ADP1711AUJZ-1.8-R7 Datasheet HTML 7Page - Analog Devices ADP1711AUJZ-1.8-R7 Datasheet HTML 8Page - Analog Devices ADP1711AUJZ-1.8-R7 Datasheet HTML 9Page - Analog Devices ADP1711AUJZ-1.8-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADP1710/ADP1711
Rev. 0 | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 3.8 V, IOUT = 1 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
3.34
3.23
–40
TJ (°C)
3.33
3.32
3.31
3.30
3.29
3.28
3.27
3.26
3.25
3.24
–5
25
85
125
ILOAD = 150mA
ILOAD = 100mA
ILOAD = 50mA
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
Figure 7. Output Voltage vs. Junction Temperature
3.32
3.26
0.1
1000
ILOAD (mA)
1
10
100
3.31
3.30
3.29
3.28
3.27
Figure 8. Output Voltage vs. Load Current
3.32
3.26
3.3
3.8
4.3
4.8
5.3
VIN (V)
3.31
3.30
3.29
3.28
3.27
ILOAD = 150mA
ILOAD = 100mA
ILOAD = 50mA
ILOAD = 10mA
ILOAD = 1mA
ILOAD = 100µA
Figure 9. Output Voltage vs. Input Voltage
1100
0
–40
TJ (°C)
1000
900
800
700
600
500
400
300
200
100
–5
25
85
125
ILOAD = 100µA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
ILOAD = 100mA
ILOAD = 150mA
Figure 10. Ground Current vs. Junction Temperature
1100
0
0.1
ILOAD (mA)
1000
900
800
700
600
500
400
300
200
100
1000
110
100
Figure 11. Ground Current vs. Load Current
1500
0
3.3
3.8
4.3
4.8
5.3
VIN (V)
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
ILOAD = 150mA
ILOAD = 100mA
ILOAD = 50mA
ILOAD = 10mA
ILOAD = 1mA
ILOAD = 100µA
Figure 12. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com