Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADR127AUJZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR127AUJZ-R2
Description  Precision, Micropower LDO Voltage References in TSOT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR127AUJZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR127AUJZ-R2 Datasheet HTML 6Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 7Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 8Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 9Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 10Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 11Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 12Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 13Page - Analog Devices ADR127AUJZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADR121/ADR125/ADR127
Rev. 0 | Page 10 of 20
6
0
–2
5
LOAD CURRENT (mA)
5
4
3
2
1
–1
01
23
4
+125°C
— +25°C
–40°C
Figure 14. ADR127 Supply Current vs. Load Current
6
0
–2
5
LOAD CURRENT (mA)
5
4
3
2
1
–1
01
23
4
+125°C
— +25°C
–40°C
Figure 15. ADR121 Supply Current vs. Load Current
6
0
–2
5
LOAD CURRENT (mA)
5
4
3
2
1
–1
01
23
4
+125°C
— +25°C
–40°C
Figure 16. ADR125 Supply Current vs. Load Current
0
–50
–40
125
TEMPERATURE (°C)
–40
–30
–20
–10
-25
-10
5
203550
65
8095
110
VIN = 2.7V TO 18V
Figure 17. ADR127 Line Regulation vs. Temperature
3
–3
–40
125
TEMPERATURE (°C)
–2
–1
0
2
–25 –10
5
20
35
50
65
80
95
110
1
VIN = 2.8V TO 18V
Figure 18. ADR121 Line Regulation vs. Temperature
6
–6
–40
125
TEMPERATURE (°C)
–4
–2
0
4
–25 –10
5
20
35
50
65
80
95
110
2
VIN = 5.3V TO 18V
Figure 19. ADR125 Line Regulation vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com