Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7473 Datasheet(PDF) 21 Page - Analog Devices

Part # ADT7473
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7473 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADT7473 Datasheet HTML 17Page - Analog Devices ADT7473 Datasheet HTML 18Page - Analog Devices ADT7473 Datasheet HTML 19Page - Analog Devices ADT7473 Datasheet HTML 20Page - Analog Devices ADT7473 Datasheet HTML 21Page - Analog Devices ADT7473 Datasheet HTML 22Page - Analog Devices ADT7473 Datasheet HTML 23Page - Analog Devices ADT7473 Datasheet HTML 24Page - Analog Devices ADT7473 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 76 page
background image
ADT7473
Rev. A | Page 21 of 76
orms round-robin
b
tive of the ADT7467. As
esu
e ADT7473 is the same as
t
even though the
T
sync
are stored in Interrupt Status
it
d
f limits, the corresponding status register
bit is set to 1.
Th
he serial bus. In Bit 7 (OOL) of
eans an out-of-limit
ister 2. This means
Register 2 when this bit
is set. Alternatively, Pin 5 or Pin 9 can be configured as an
As mentioned previously, the ADC perf
conversions. The total monitoring cycle time for averaged voltage
and temperature monitoring is 146 ms. The total monitoring cycle
time for voltage and temperature monitoring with averaging
disa led is 19 ms. The ADT7473 is a deriva
a r
lt, the total conversion time in th
the otal conversion time of the ADT7467,
AD 7473 has fewer monitored channels.
Fan TACH measurements are made in parallel and are not
hronized with the analog measurements in any way.
INTERRUPT STATUS REGISTERS
The results of limit comparisons
Register 1 and Interrupt Status Register 2. The status register b
for each channel reflects the status of the last measurement an
limit comparison on that channel. If a measurement is within
limits, the corresponding status register bit is cleared to 0. If the
measurement is out o
e state of the various measurement channels can be polled by
reading the status registers over t
Interrupt Status Register 1 (Reg. 0x41), a 1 m
event has been flagged in Interrupt Status Reg
the user needs only to read Interrupt Status
SMBALERT output. This automatically notifies the system
supervisor of an out-of-limit condition. Reading the status registe
clears the appropriate status bit as long as the error condition
caused the interrupt has cleared. Status register bits (excep
rs
that
t OVT)
dicating an out-of-limit
ne
the
urces to be masked from causing an SMBALERT
are sticky. Whenever a status bit is set, in
condition, it remains set even if the event that caused it has go
away (until read). The only way to clear the status bit is to read
status register after the event has gone away. Interrupt mask
registers (Register 0x74 and Register 0x75) allow individual
interrupt so
.
it,
Bit 7 (OOL) = 1, denot
errupt Status Register 2 is
been
or low limit has
CC
CC
d.
ed.
on D1+/D1– inputs.
w the
minimum speed. Alternatively, it indicates the THERM
However, if one of these masked interrupt sources goes out of lim
its associated status bit is set in the interrupt status registers. OVT
clears automatically.
Interrupt Status Register 1 (0x41)
es a bit in Int
set and Interrupt Status Register 2 should be read.
Bit 6 (R2T) = 1, Remote 2 temperature high or low limit has
been exceeded.
Bit 5 (LT) = 1, local temperature high or low limit has
exceeded.
Bit 4 (R1T) = 1, Remote 1 temperature high
been exceeded.
Bit 2 (V ) = 1, V
high or low limit has been exceede
Bit 1 (VCCP) = 1, VCCP high or low limit has been exceed
Interrupt Status Register 2 (0x42)
Bit 7 (D2) = 1, indicates an open or short on D2+/D2– inputs.
Bit 6 (D1) = 1, indicates an open or short
Bit 5 (F4P) = 1, indicates Fan 4 has dropped belo
limit
has been exceeded, if the THERM function is used.
low the
n 2 has dropped below the
s a THERM
Bit 4 (FAN3) = 1, indicates Fan 3 has dropped be
minimum speed.
Bit 3 (FAN2) = 1, indicates Fa
minimum speed.
Bit 2 (FAN1) = 1, indicates Fan 1 has dropped below the
minimum speed.
Bit 1 (OVT) = 1, indicate
overtemperature limit has
T
been exceeded.
SMBALER Interrupt Behavior
The ADT7473 can be polled for status, or an SMBALERT
itions. It is
interrupt can be generated for out-of-limit cond
important to note how the SMBALERT output and st
behave when writing interrupt handler software.
atus bits
STICKY
ST
HIGH LIMIT
ATUS BIT
TEMPERATURE
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
SMBALERT
Figure 26. SMBALERT and Status Bit Behavior
Figure 26 shows how the SMBALERT output and sticky stat
bits behave. Once a limit is exceeded, the corresponding status
bit is set to 1. The interrupt status bit remains set until t
condition sub
status bits are r
us
he error
sides and the interrupt status register is read. The
eferred to as sticky because they remain set until
annot
read by software. This ensures that an out-of-limit event c
be missed if software is polling the device periodically. Note
that the SMBALERT output remains low for the entire duration
that a reading is out of limit and until the interrupt status
register has been read. This has implications on how software
handles the interrupt.
Note: THERM overtemperature events are not sticky, resetting
immediately after the overtemperature condition ceases. This
also applies to SMBALERT if associated with an OVT event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com