Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VL6524 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 1 Page - STMicroelectronics

  VL6524 Datasheet HTML 1Page - STMicroelectronics VL6524 Datasheet HTML 2Page - STMicroelectronics VL6524 Datasheet HTML 3Page - STMicroelectronics VL6524 Datasheet HTML 4Page - STMicroelectronics VL6524 Datasheet HTML 5Page - STMicroelectronics VL6524 Datasheet HTML 6Page - STMicroelectronics VL6524 Datasheet HTML 7Page - STMicroelectronics VL6524 Datasheet HTML 8Page - STMicroelectronics VL6524 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
November 2006
Rev 3
1/70
1
VL6524
VS6524
VGA single-chip camera module
Features
640H x 480V active pixels
3.6 µm pixel size, 1/6 inch optical format
RGB Bayer color filter array
Integrated 10-bit ADC
Integrated digital image processing functions,
including defect correction, lens shading
correction, demosaicing, sharpening, gamma
correction and color space conversion
Embedded camera controller for automatic
exposure control, automatic white balance
control, black level compensation, 50/60 Hz
flicker cancellation and flashgun support
Up to 30 fps progressive scan, flexible
subsampling and cropping modes
ITU-R BT.656-4 YUV (YCbCr) 4:2:2 with
embedded syncs, RGB 565, RGB 444 or Bayer
10-bit output formats
Viewlive feature allows different sizes, formats
and reconstruction settings to be applied to
alternate frames
8-bit parallel video interface, horizontal and
vertical syncs, 24 MHz clock
Two-wire serial control interface (I2C)
On-chip PLL, 6.5 to 26 MHz clock input
Analog power supply, from 2.4V to 3.0V
Separate I/O power supply, 1.8V or 2.8V levels
3.3V tolerant I/O for power supply > 2.7V
Integrated power management with power
switch, automatic power-on reset and power-
safe pins
Low power consumption, ultra low standby
current
Dual-element plastic lens, F# 2.8, ~59° DFOV
(VS6524)
Description
The VL6524/VS6524 is a general purpose VGA
resolution CMOS color digital camera featuring
low size and low power consumption. This
complete camera module is ready to connect to
camera enabled baseband processors, back-end
IC devices or PDA engines.
Applications
Mobile phone
Videophone
Video surveillance
Medical
Machine Vision
Toys
PDA
Biometry
Bar Code Reader
Lighting Control
SmOP
LGA
www.st.com


Similar Part No. - VL6524

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VL6522 STMICROELECTRONICS-VL6522 Datasheet
276Kb / 35P
VGA resolution USB2.0 web camera sensor
05-Jul-2007
VL6522V0MH STMICROELECTRONICS-VL6522V0MH Datasheet
276Kb / 35P
VGA resolution USB2.0 web camera sensor
05-Jul-2007
More results

Similar Description - VL6524

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OV7620 ETC-OV7620 Datasheet
313Kb / 60P
OV7620 SINGLE-CHIP CMOS VGA COLOR DIGITAL CAMERA
logo
STMicroelectronics
VS6524 STMICROELECTRONICS-VS6524 Datasheet
56Kb / 3P
VGA Mobile Camera Module
Rev. 2
VS6555 STMICROELECTRONICS-VS6555 Datasheet
456Kb / 7P
Ultra small reflowable VGA camera module
18-Jan-2007
logo
Toshiba Semiconductor
TCM8230MD TOSHIBA-TCM8230MD Datasheet
950Kb / 27P
VGA CAMERA MODULE
logo
STMicroelectronics
VS6525 STMICROELECTRONICS-VS6525 Datasheet
195Kb / 6P
VGA single-chip camera module
12-Jan-2007
logo
Pixart Imaging Inc.
PAC7311 PIXART-PAC7311 Datasheet
518Kb / 13P
VGA PC Camera Single-Chip
PAC7312 PIXART-PAC7312 Datasheet
521Kb / 13P
VGA PC Camera Single-Chip with Audio
PAC7332 PIXART-PAC7332 Datasheet
862Kb / 8P
VGA PC Camera Single-Chip with Audio
logo
STMicroelectronics
IMG-524-P01 STMICROELECTRONICS-IMG-524-P01 Datasheet
63Kb / 3P
VGA Mobile Camera Module
Feb-2005
logo
Agilent(Hewlett-Packard...
ADCM-2650-0001 HP-ADCM-2650-0001 Datasheet
152Kb / 3P
Portrait VGA Resolution CMOS Camera Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com