Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS6524 Datasheet(PDF) 30 Page - STMicroelectronics

Part # VS6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6524 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VS6524 Datasheet HTML 26Page - STMicroelectronics VS6524 Datasheet HTML 27Page - STMicroelectronics VS6524 Datasheet HTML 28Page - STMicroelectronics VS6524 Datasheet HTML 29Page - STMicroelectronics VS6524 Datasheet HTML 30Page - STMicroelectronics VS6524 Datasheet HTML 31Page - STMicroelectronics VS6524 Datasheet HTML 32Page - STMicroelectronics VS6524 Datasheet HTML 33Page - STMicroelectronics VS6524 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
Data synchronization methods
VL6524/VS6524
30/70
8.2.2
Vertical synchronization (VSYNC)
The VSYNC signal is controlled by the
bVSyncSetup register. The following options are
available:
enable/disable
select polarity
manual or automatic
In automatic mode the VSYNC signal envelops all the active video lines in the output frame
regardless of the programmed image size as shown in
Figure 16.
Figure 16.
VSYNC timing example
If manual mode is selected then the line number for VSYNC rising edge and falling edge is
programmable. The rising edge of VSYNC is programmed in the
bVsyncRisingLineH,
bVsyncRisingLineL registers, the pixel position for VSYNC rising edge is programmed in the
bVsyncRisingPixelH and bVsyncRisingPixelL registers. Similarly the line count for the falling
edge position is specified in the
bVsyncFallingLineH and bVsyncFallingLineL registers, and
the pixel count is specified in the
bVsyncFallingPixelH and bVsyncFallingPixelL registers
described in
Table 29: Output formatter control.
BLANKING
BLANKING
V=1
V=0
V=1
V=0
vsync
ACTIVE
VIDEO
ACTIVE
VIDEO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com