Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5370BSTZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD5370BSTZ
Description  40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5370BSTZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5370BSTZ Datasheet HTML 14Page - Analog Devices AD5370BSTZ Datasheet HTML 15Page - Analog Devices AD5370BSTZ Datasheet HTML 16Page - Analog Devices AD5370BSTZ Datasheet HTML 17Page - Analog Devices AD5370BSTZ Datasheet HTML 18Page - Analog Devices AD5370BSTZ Datasheet HTML 19Page - Analog Devices AD5370BSTZ Datasheet HTML 20Page - Analog Devices AD5370BSTZ Datasheet HTML 21Page - Analog Devices AD5370BSTZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Preliminary Technical Data
AD5370
Rev. P
rF | Page 18 of 24
SERIAL INTERFACE
The AD5370 contains a high-speed SPI serial interface
operating at clock frequencies up to 50MHz (20MHz for read
operations) To minimize both the power consumption of the
device and on-chip digital noise, the interface powers up fully
only when the device is being written to, that is, on the falling
edge of SYNC.
The serial interface is 2.5 V LVTTL compatible when operating
from a 2.7 V to 3.6 V DVCC supply. It is controlled by four pins,
as follows.
SYNC
Frame synchronization input.
SDI
Serial data input pin.
SCLK
Clocks data in and out of the device.
SDO
Serial data output pin for data readback.
SPI WRITE MODE
The AD5370 allows writing of data via the serial interface to
every register directly accessible to the serial interface, which is
all registers except the X2A and X2B registers and the DAC
registers. The X2A and X2B registers are updated when writing
to the X1A, X1B, M and C registers, and the DAC registers are
updated by LDAC.
The serial word (see Table 8) is 24 bits long. 14 of these bits are
data bits, six bits are address bits, and two bits are mode bits
that determine what is done with the data. Two bits are
reserved.
The serial interface works with both a continuous and a burst
(gated) serial clock. Serial data applied to SDI is clocked into the
AD5370 by clock pulses applied to SCLK. The first falling edge
of SYNC starts the write cycle. At least 24 falling clock edges
must be applied to SCLK to clock in 24 bits of data, before
SYNC is taken high again. If SYNC is taken high before the
24th falling clock edge, the write operation will be aborted.
If a continuous clock is used, SYNC must be taken high before
the 25th falling clock edge. This inhibits the clock within the
AD5370. If more than 24 falling clock edges are applied before
SYNC is taken high again, the input data will be corrupted. If
an externally gated clock of exactly 24 pulses is used, SYNC may
be taken high any time after the 24th falling clock edge.
The input register addressed is updated on the rising edge of
SYNC. In order for another serial transfer to take place, SYNC
must be taken low again
SPI READBACK MODE
The AD5370 allows data readback via the serial interface from
every register directly accessible to the serial interface, which is
all registers except the DAC data registers. In order to read
back a register, it is first necessary to tell the AD5370 which
register is to be read. This is achieved by writing to the device a
word whose first two bits are the special function code 00. The
remaining bits then determine if the operation is a readback,
and the register which is to be read back, or if it is a write to of
the special function registers such as the control register.
After the special function write has been performed, if it is a
readback command then data from the selected register will be
clocked out of the SDO pin during the next SPI operation. The
SDO pin is normally three-state but becomes driven as soon as
a read command has been issued. The pin will remain driven
until the registers data has been clocked out. See Figure 5 for
the read timing diagram. Note that due to the timing
requirements of t5 (25ns) the maximum speed of the SPI
interface during a read operation should not exceed 20MHz.
Table 8. Serial Word Bit Assignation
I23
I22
I21
I20
I19
I18
I17
I16
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
M1
M0
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com